Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 15Page - Texas Instruments TPS77115DGK Datasheet HTML 16Page - Texas Instruments TPS77115DGK Datasheet HTML 17Page - Texas Instruments TPS77115DGK Datasheet HTML 18Page - Texas Instruments TPS77115DGK Datasheet HTML 19Page - Texas Instruments TPS77115DGK Datasheet HTML 20Page - Texas Instruments TPS77115DGK Datasheet HTML 21Page - Texas Instruments TPS77115DGK Datasheet HTML 22Page - Texas Instruments TPS77115DGK Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
programming the TPS77x01 adjustable LDO regulator
The output voltage of the TPS77x01 adjustable regulator is programmed using an external resistor divider as
shown in Figure 24. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
Where:
Vref = 1.1834 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 50-
µA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided, as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose
R2 = 30.1 k
Ω to set the divider current at 50 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
UNIT
33.5
53.8
61.5
30.1
30.1
30.1
k
Ω
k
Ω
k
Ω
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
PG or
RESET
OUT
FB/SENSE
R1
R2
GND
EN
IN
TPS77x01
PG or RESET Output
0.1
µF
250 k
Ω
CO
NOTE: To reduce noise and prevent
oscillation, R1 and R2 need to be as
close as possible to the FB/SENSE
terminal.
Figure 24. TPS77x01 Adjustable LDO Regulator Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com