Electronic Components Datasheet Search
  English  ▼

X  

TMP86PM49NG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 13Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 14Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 15Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 16Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 17Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 18Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 19Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 20Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 262 page
background image
Page 1
060116EBP
TMP86PM49NG
CMOS 8-Bit Microcontroller
• The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations
in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equip-
ment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither
intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunctionor failure of
which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments,
airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instru-
ments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's
own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or
sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by impli-
cation or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C
• The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and
Reliability Assurance/Handling Precautions. 030619_S
TMP86PM49NG
The TMP86PM49NG is a single-chip 8-bit high-speed and high-functionality microcomputer incorporating 32768
bytes of One-Time PROM. It is pin-compatible with the TMP86CM49NG (Mask ROM version). The
TMP86PM49NG can realize operations equivalent to those of the TMP86CM49NG by programming the on-chip
PROM.
1.1 Features
1. 8-bit single chip microcomputer TLCS-870/C series
- Instruction execution time :
0.25
µs (at 16 MHz)
122
µs (at 32.768 kHz)
- 132 types & 731 basic instructions
2. 24interrupt sources (External : 5 Internal : 19)
3. Input / Output ports (56 pins)
Large current output: 13pins (Typ. 20mA), LED direct drive
4. Watchdog Timer
5. Prescaler
- Time base timer
- Divider output function
6. 16-bit timer counter: 1 ch
- Timer, External trigger, Window, Pulse width measurement,
Event counter, Programmable pulse generate (PPG) modes
7. 16-bit timer counter: 1 ch
- Timer, Event counter, Window modes
Product No.
ROM
(EPROM)
RAM
Package
MASK MCU
Emulation Chip
TMP86PM49NG
32768
bytes
1024
bytes
SDIP64-P-750-1.78
TMP86CM49NG
TMP86C949XB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com