Electronic Components Datasheet Search
  English  ▼

X  

CL1129 Datasheet(PDF) 2 Page - CHIPLINK SEMICONDUCTOR

Part # CL1129
Description  5W primary side control high precision constant voltage/constant current controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1129 Datasheet(HTML) 2 Page - CHIPLINK SEMICONDUCTOR

  CL1129 Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1129 Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.chiplink-semi.com
2
CL1129_CN_01
SEMICONDUCTOR
CL1129
2011-01-01
封装耗散等级
封装
RθJA (/W)
℃
SOP8
90
最大额定值 (注释)
参数
范围
电源电压
-0.3到30V
VC脚电压
-0.3到7V
CS脚电压
-0.3到7V
FB脚电压
-0.3到7V
最高工作结温度
T
150 ℃
最低
/最高存储温度Tstg
-55到150 ℃
焊接温度
(焊锡, 10秒 )
260 ℃
注释
: 超出“绝对最大额定值”可能损毁器件。推荐工作范围内器件可以工作,但不保证其特性。.
长时间运行在绝对最大额定条件下可能会影响器件的可靠性。
管脚描述
管脚号
管脚名
I/O
描述
1
VDD
P
电源端
2
VC
I
外接低通滤波电容,用于线损补偿
3
FB
I
输出电压反馈输入端
4
CS
I
变压器原边电流采样端
5/6
C
O
高压
BJT的集电极引脚。该引脚连接到变压器原边。
7/8
GND
P
接地端



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com