Electronic Components Datasheet Search
  English  ▼

X  

TMP86CS44UG Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 56Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 58Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 172 page
background image
Page 49
TMP86CS44UG
5.2 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit under software
control. Input/output mode is specified by the corresponding bit in the port P1 input/output control register (P1CR).
Port P1 is configured as an input if its corresponding P1CR bit is cleared to “0”, and as an output if its corresponding
P1CR bit is set to “1”.
During reset, the P1CR is initialized to “0” and port P1 is input mode. The P1 output latches are also initialized to
“0”.
Port P1 is also used as an external interrupt input, a timer/counter input/output, and a divider output. When used as
an input port, an external interrupt input or a timer/counter input, the corresponding bit of P1CR is cleared to “0”.
When used as an output port, a timer/counter output or divider output, the corresponding bit of P1CR is set to “1”
and beforehand the corresponding output latch should be set to “1”. Data can be written into the output latch regard-
less of P1CR contents, therefore initial output data should be written into the output latch before setting P1CR.
Figure 5-3 Port P1
Note: Ports set to the input mode read the pin states. Ports set to the output mode read the output latch. When input pin and out-
put pin exist in port P1 together, the contents of the output latch which is specified as an input mode may be rewritten by
executing the bit manipulation instructions.
P1DR
(0001H)
R/W
76
543
21
0
P17
P16
TC2
P15
INT3
P14
PPG
P13
DVO
P12
INT2
TC1
P11
INT1
P10
PWM3
PDO3
TC3
(Initial value: 0000 0000)
P1CR
(000DH)
76
543
21
0
(Initial value: 0000 0000)
P1CR
I/O port for P1 port
(specified for each bit)
0: Input mode
1: Output mode
R/W
Output latch
P1CRi input
Data output
Output latch
P1CRi
Control output
STOP
OUTEN
Data input
Control input
P1i
Note:i=7 to 0
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com