Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49AIUG Datasheet(PDF) 275 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 275 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 271Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 272Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 273Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 274Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 275Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 276Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 277Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 278Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 279Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 296 page
background image
Page 259
TMP86FS49AIUG
Some operation commands are limited by the flash memory status code 1. If the read protection is enabled, flash
memory writing mode command and RAM loader mode command can not be executed. Erase all flash memory
before executing these command.
Note: m:
The command can be executed.
Pass: The command can be executed with a password.
×:
The command can not be executed.
(After echoing the command back to the external controller, TMP86FS49AIUG stops UART communication and
enters
the halt condition.)
RPENA
Flash memory read pro-
tection status
0:
1:
Read protection is disabled.
Read protection is enabled.
BLANK
The status from FFE0H
to FFFFH.
0:
1:
All data is FFH in the area from FFE0H to FFFFH.
The value except FFH is included in the area from FFE0H to FFFFH.
RPENA
BLANK
Flash Memory
Writing Mode
RAM Loader
Mode
Flash memory
SUM
Output Mode
Product
ID Code Output
Mode
Flash Memory
Status Output
Mode
Flash Memory
Erasing Mode
Read Protec-
tion Setting
Mode
Chip
Erase
Sec-
tor
Erase
00
mmmmmm
×
0
1
Pass
Pass
mmm
Pass
Pass
10
××
mmm
m
××
11
××
mmm
Pass
×
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com