Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 117Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 118Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 119Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 120Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 121Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 122Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 123Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 272 page
background image
Page 108
8. 16-Bit TimerCounter (TC10,TC11)
8.2 16-Bit TimerCounter 11
TMP86FS28FG
8.2.3.6 Programmable Pulse Generate (PPG) Output Mode
In the programmable pulse generation (PPG) mode, an arbitrary duty pulse is generated by counting
performed in the internal clock. To start the timer, TC11CR<TC11S> specifies either the edge of the input
pulse to the TC11 pin or the command start. TC11CR<MPPG11> specifies whether a duty pulse is pro-
duced continuously or not (one-shot pulse).
• When TC11CR<MPPG11> is set to “0” (Continuous pulse generation)
When a match between the up-counter and the TC11DRB value is detected after the timer
starts, the level of the PPG pin is inverted and an INTTC11 interrupt request is generated. The
up-counter continues counting. When a match between the up-counter and the TC11DRA value
is detected, the level of the PPG pin is inverted and an INTTC11 interrupt request is generated.
The up-counter is cleared at this time, and then continues counting and pulse generation.
When TC11S is cleared to “00” during PPG output, the PPG pin retains the level immediately
before the counter stops.
• When TC11CR<MPPG11> is set to “1” (One-shot pulse generation)
When a match between the up-counter and the TC11DRB value is detected after the timer
starts, the level of the PPG pin is inverted and an INTTC11 interrupt request is generated. The
up-counter continues counting. When a match between the up-counter and the TC11DRA value
is detected, the level of the PPG pin is inverted and an INTTC11 interrupt request is generated.
TC11CR<TC11S> is cleared to “00” automatically at this time, and the timer stops. The pulse
generated by PPG retains the same level as that when the timer stops.
Since the output level of the PPG pin can be set with TC11CR<TFF11> when the timer starts, a positive
or negative pulse can be generated. Since the inverted level of the timer F/F1 output level is output to the
PPG
pin, specify TC11CR<TFF11> to “0” to set the high level to the PPG pin, and “1” to set the low level
to the PPG pin. Upon reset, the timer F/F1 is initialized to “0”.
Note 1: To change TC11DRA or TC11DRB during a run of the timer, set a value sufficiently larger than the
count value of the counter. Setting a value smaller than the count value of the counter during a run of
the timer may generate a pulse different from that specified.
Note 2: Do not change TC11CR<TFF11> during a run of the timer. TC11CR<TFF11> can be set correctly only
at initialization (after reset). When the timer stops during PPG, TC11CR<TFF11> can not be set cor-
rectly from this point onward if the PPG output has the level which is inverted of the level when the
timer starts. (Setting TC11CR<TFF11> specifies the timer F/F1 to the level inverted of the pro-
grammed value.) Therefore, the timer F/F1 needs to be initialized to ensure an arbitrary level of the
PPG output. To initialize the timer F/F1, change TC11CR<TC11M> to the timer mode (it is not
required to start the timer mode), and then set the PPG mode. Set TC11CR<TFF11> at this time.
Note 3: In the PPG mode, the following relationship must be satisfied.
TC11DRA > TC11DRB
Note 4: Set TC11DRB after changing the mode of TC11M to the PPG mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com