Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 115Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 117Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 118Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 119Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 120Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 272 page
background image
Page 105
TMP86FS28FG
8.2.3.5 Pulse Width Measurement Mode
In the pulse width measurement mode, the up-counter starts counting by the input pulse triggering of the
TC11 pin, and counts up at the edge of the internal clock. Either the rising or falling edge of the internal
clock is selected as the trigger edge in TC11CR<TC11S>. Either the single- or double-edge capture is
selected as the trigger edge in TC11CR<MCAP11>.
• When TC11CR<MCAP11> is set to “1” (single-edge capture)
Either high- or low-level input pulse width can be measured. To measure the high-level input
pulse width, set the rising edge to TC11CR<TC11S>. To measure the low-level input pulse
width, set the falling edge to TC11CR<TC11S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer
starts, the up-counter captures the up-counter value into TC11DRB and generates an INTTC11
interrupt request. The up-counter is cleared at this time, and then restarts counting when detect-
ing the trigger edge used to start counting.
• When TC11CR<MCAP11> is set to “0” (double-edge capture)
The cycle starting with either the high- or low-going input pulse can be measured. To mea-
sure the cycle starting with the high-going pulse, set the rising edge to TC11CR<TC11S>. To
measure the cycle starting with the low-going pulse, set the falling edge to TC11CR<TC11S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer
starts, the up-counter captures the up-counter value into TC11DRB and generates an INTTC11
interrupt request. The up-counter continues counting up, and captures the up-counter value into
TC11DRB and generates an INTTC11 interrupt request when detecting the trigger edge used to
start counting. The up-counter is cleared at this time, and then continues counting.
Note 1: The captured value must be read from TC11DRB until the next trigger edge is detected. If not read,
the captured value becomes a don’t care. It is recommended to use a 16-bit access instruction to read
the captured value from TC11DRB.
Note 2: For the single-edge capture, the counter after capturing the value stops at “1” until detecting the next
edge. Therefore, the second captured value is “1” larger than the captured value immediately after
counting starts.
Note 3: The first captured value after the timer starts may be read incorrectively, therefore, ignore the first
captured value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com