Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 113 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 113 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 115Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 117Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 272 page
background image
Page 101
TMP86FS28FG
8.2.3.2 External Trigger Timer Mode
In the external trigger timer mode, the up-counter starts counting by the input pulse triggering of the
TC11 pin, and counts up at the edge of the internal clock. For the trigger edge used to start counting, either
the rising or falling edge is defined in TC11CR<TC11S>.
• When TC11CR<METT11> is set to “1” (trigger start and stop)
When a match between the up-counter and the TC11DRA value is detected after the timer
starts, the up-counter is cleared and halted and an INTTC11 interrupt request is generated.
If the edge opposite to trigger edge is detected before detecting a match between the up-
counter and the TC11DRA, the up-counter is cleared and halted without generating an interrupt
request. Therefore, this mode can be used to detect exceeding the specified pulse by interrupt.
After being halted, the up-counter restarts counting when the trigger edge is detected.
• When TC11CR<METT11> is set to “0” (trigger start)
When a match between the up-counter and the TC11DRA value is detected after the timer
starts, the up-counter is cleared and halted and an INTTC11 interrupt request is generated.
The edge opposite to the trigger edge has no effect in count up. The trigger edge for the next
counting is ignored if detecting it before detecting a match between the up-counter and the
TC11DRA.
Since the TC11 pin input has the noise rejection, pulses of 4/fc [s] or less are rejected as noise. A pulse
width of 12/fc [s] or more is required to ensure edge detection. The rejection circuit is turned off in the
SLOW1/2 or SLEEP1/2 mode, but a pulse width of one machine cycle or more is required.
Example 1 :Generating an interrupt 1 ms after the rising edge of the input pulse to the TC11 pin
(fc =16 MHz)
LDW
(TC11DRA), 007DH
; 1ms
÷ 27/fc = 7DH
DI
; IMF
= “0”
SET
(EIRL). 2
; Enables INTTC11 interrupt
EI
; IMF
= “1”
LD
(TC11CR), 00000100B
; Selects the source clock and mode
LD
(TC11CR), 00100100B
; Starts TC11 external trigger, METT11
= 0
Example 2 :Generating an interrupt when the low-level pulse with 4 ms or more width is input to the TC11 pin
(fc =16 MHz)
LDW
(TC11DRA), 01F4H
; 4 ms
÷ 27/fc = 1F4H
DI
; IMF
= “0”
SET
(EIRL). 2
; Enables INTTC11 interrupt
EI
; IMF
= “1”
LD
(TC11CR), 00000100B
; Selects the source clock and mode
LD
(TC11CR), 01110100B
; Starts TC11 external trigger, METT11
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com