| Electronic Components Datasheet Search |
|
TMP86FS28FG Datasheet(PDF) 110 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28FG Datasheet(HTML) 110 Page - Toshiba Semiconductor |
|
110 / 272 page ![]() Page 98 8. 16-Bit TimerCounter (TC10,TC11) 8.2 16-Bit TimerCounter 11 TMP86FS28FG 8.2.2 TimerCounter Control The TimerCounter 11 is controlled by the TimerCounter 11 control register (TC11CR) and two 16-bit timer registers (TC11DRA and TC11DRB). Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz] Note 2: The timer register consists of two shift registers. A value set in the timer register becomes valid at the rising edge of the first source clock pulse that occurs after the upper byte (TC11DRAH and TC11DRBH) is written. Therefore, write the lower Timer Register 15 14 13 12 11 10 98765 43210 TC11DRA (0021H, 0020H) TC11DRAH (0021H) TC11DRAL (0020H) (Initial value: 1111 1111 1111 1111) Read/Write TC11DRB (0023H, 0022H) TC11DRBH (0023H) TC11DRBL (0022H) (Initial value: 1111 1111 1111 1111) Read/Write (Write enabled only in the PPG output mode) TimerCounter 11 Control Register TC11CR (0024H) 7 6 5 432 10 TFF11 ACAP11 MCAP11 METT11 MPPG11 TC11S TC11CK TC11M Read/Write (Initial value: 0000 0000) TFF11 Timer F/F11 control 0: Clear 1: Set R/W ACAP11 Auto capture control 0:Auto-capture disable 1:Auto-capture enable R/W MCAP11 Pulse width measure- ment mode control 0:Double edge capture 1:Single edge capture METT11 External trigger timer mode control 0:Trigger start 1:Trigger start and stop MPPG11 PPG output control 0:Continuous pulse generation 1:One-shot TC11S TC11 start control Timer Extrig- ger Event Win- dow Pulse PPG R/W 00: Stop and counter clear OOOOOO 01: Command start O –––– O 10: Rising edge start (Ex-trigger/Pulse/PPG) Rising edge count (Event) Positive logic count (Window) – OOOOO 11: Falling edge start (Ex-trigger/Pulse/PPG) Falling edge count (Event) Negative logic count (Window) – OOOOO TC11CK TC11 source clock select [Hz] NORMAL1/2, IDLE1/2 mode Divider SLOW, SLEEP mode R/W DV7CK = 0 DV7CK = 1 00 fc/211 fs/23 DV9 fs/23 01 fc/27 fc/27 DV5 – 10 fc/23 fc/23 DV1 – 11 External clock (TC11 pin input) TC11M TC11 operating mode select 00: Timer/external trigger timer/event counter mode 01: Window mode 10: Pulse width measurement mode 11: PPG (Programmable pulse generate) output mode R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |