Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 107Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 272 page
background image
Page 99
TMP86FS28FG
byte and the upper byte in this order (it is recommended to write the register with a 16-bit access instruction). Writing only
the lower byte (TC11DRAL and TC11DRBL) does not enable the setting of the timer register.
Note 3: To set the mode, source clock, PPG output control and timer F/F control, write to TC11CR1 during TC11S=00. Set the
timer F/F10 control until the first timer start after setting the PPG mode.
Note 4: Auto-capture can be used only in the timer, event counter, and window modes.
Note 5: To set the timer registers, the following relationship must be satisfied.
TC11DRA > TC11DRB > 1 (PPG output mode), TC11DRA > 1 (other modes)
Note 6: Set TFF11 to “0” in the mode except PPG output mode.
Note 7: Set TC11DRB after setting TC11M to the PPG output mode.
Note 8: When the STOP mode is entered, the start control (TC11S) is cleared to “00” automatically, and the timer stops. After the
STOP mode is exited, set the TC11S to use the timer counter again.
Note 9: Use the auto-capture function in the operative condition of TC11. A captured value may not be fixed if it's read after the
execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC11DRB by the source clock of up-counter after setting TC11CR<ACAP11>
to "1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC11DRB
for the first time.
8.2.3 Function
TimerCounter 11 has six types of operating modes: timer, external trigger timer, event counter, window,
pulse width measurement, programmable pulse generator output modes.
8.2.3.1 Timer mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter and the timer
register 1A (TC11DRA) value is detected, an INTTC11 interrupt is generated and the up-counter is cleared. After being
cleared, the up-counter restarts counting. Setting TC11CR<ACAP11> to “1” captures the up-counter value into the timer
register 1B (TC11DRB) with the auto-capture function. Use the auto-capture function in the operative condition of TC11.
A captured value may not be fixed if it's read after the execution of the timer stop or auto-capture disable. Read the capture
value in a capture enabled condition. Since the up-counter value is captured into TC11DRB by the source clock of up-
counter after setting TC11CR<ACAP11> to "1". Therefore, to read the captured value, wait at least one cycle of the internal
source clock before reading TC11DRB for the first time.
Table 8-3 Internal Source Clock for TimerCounter 11 (Example: fc
= 16 MHz, fs = 32.768 kHz)
TC11CK
NORMAL1/2, IDLE1/2 mode
SLOW, SLEEP mode
DV7CK = 0
DV7CK = 1
Resolution
[
µs]
Maximum Time Setting
[s]
Resolution
[
µs]
Maximum Time Setting
[s]
Resolution
[
µs]
Maximum
Time Set-
ting [s]
00
128
8.39
244.14
16.0
244.14
16.0
01
8.0
0.524
8.0
0.524
–
–
10
0.5
32.77 m
0.5
32.77 m
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com