Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 261 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 261 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 257Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 265Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 272 page
background image
Page 249
TMP86FS28FG
20. Electrical Characteristics
20.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
−0.3 to 6.5
V
Input voltage
VIN
−0.3 to VDD + 0.3
Output voltage
VOUT
−0.3 to VDD + 0.3
Output current (Per 1 pin)
IOL1
P0,P1,P2,P3,P4,P5,P6,P7,P8 ports
3.2
mA
IOH1
P0,P1,P3,P4,P5,P6,P7,P8 ports
−1.8
Output current (Total)
Σ IOL1
P0,P1,P2,P3,P4,P5,P6,P7,P8 ports
80
Σ IOH1
P0,P1,P3,P4,P5,P6,P7,P8 ports
−30
Power dissipation [Topr = 85
°C]
PD
350
mW
Soldering temperature (Time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com