Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS28FG Datasheet(PDF) 264 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 264 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 265Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 266Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 267Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 268Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 272 page
background image
Page 252
20. Electrical Characteristics
20.3 DC Characteristics
TMP86FS28FG
20.3 DC Characteristics
Note 1: Typical values show those at Topr = 25
°C, VDD = 5 V
Note 2: Input current (IIN1, IIN2); The current through pull-up or pull-down resistor is not included.
Note 3: IDD does not include IREF current.
Note 4: The supply currents of SLOW 2 and SLEEP 2 modes are equivalent to IDLE 0, 1, 2.
Note 5: When a program is executing in the flash memory or when data is being read from the flash memory, the flash memory
operates in an intermittent manner, causing peak currents in the operation current, as shown in Figure 20-1.
In this case, the supply current IDD (in NORMAL1, NORMAL2 and SLOW1 modes) is defined as the sum of the average
peak current and MCU current.
Note 6: When designing the power supply, make sure that peak currents can be supplied. In SLOW1 mode, the difference
between the peak current and the average current becomes large.
Figure 20-1 Intermittent Operation of Flash Memory
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
–
0.9
–
V
Input current
IIN1
TEST
VDD = 5.5 V, VIN = 5.5 V/0 V
––
±2
µA
IIN2
Sink open drain, Tri-state
IIN3
RESET
, STOP
Input resistance
RIN2
RESET
pull-up
VDD = 5.5 V, VIN = 0 V
100
220
450
k
Ω
Output leakage current
ILO
Sink open drain, Tri-state
VDD = 5.5 V, VOUT = 5.5 V/0 V
––
±2
µA
Output high voltage
VOH
C-MOS, Tri-st port
VDD = 4.5 V, IOH = −0.7 mA
4.1
–
–
V
Output low voltage
VOL
Except XOUT
VDD = 4.5 V, IOL = 1.6 mA
––
0.4
LCD output voltage
use LCD driver’s
booste
V2-3OUT
V2 terminal
V3
≥ VDD
Reference supply terminal :V1
SEG/COM terminal no load
–V1 x 2
–
V
V3 terminal
–V1 x 3
–
Supply current in
NORMAL 1, 2 mode
IDD
VDD = 5.5 V
VIN = 5.3/0.2 V
fc = 16 MHz
fs = 32.768 kHz
When a program
operates on flash
memory (Note5,6)
–
15.5
16.5
mA
Supply current in
IDLE 0, 1, 2 mode
–6
8.3
Supply current in
SLOW 1 mode
VDD = 3.0 V
VIN = 2.8/0.2 V
fs = 32.768 kHz
LCD drive is not
enable.
When a program
operates on flash
memory (Note5,6)
–25
260
µA
When a program
operates on RAM
–20
24
Supply current in
SLEEP 1 mode
–9
21
Supply current in
SLEEP 0 mode
–8
18
Supply current in
STOP mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
–0.5
10
n
Program coutner (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary flash current
Max. current
Sum of average
momentary flash current
and MCU current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com