Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS27FG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
86FS27-29
2007-08-07
TMP86FS27
Note 1: The total error includes all errors except a quantization error, and is defined as a maximum
deviation from the ideal conversion line.
Note 2: Conversion time is different in recommended value by power supply voltage.
Note 3: Please use input voltage to AIN input pin in limit of VAREF − VSS.
When voltage of range outside is input, conversion value becomes unsettled and gives affect
to other channel conversion value.
Note 4: Analog reference voltage range:
∆V
AREF = VAREF − VSS
AD Conversion Characteristics
(VSS = 0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = −40 to 70°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 1.0
−
AVDD
V
Power supply voltage of analog
control circuit
AVDD
VDD
Analog reference voltage range
(Note 4)
∆V
AREF
3.5
−
VDD
Analog input voltage
VAIN
VSS
−
VAREF
Power supply current of analog
reference voltage
IREF
VDD = AVDD = VAREF = 5.5 V
VSS = AVSS = 0.0 V
−
0.6
1.0
mA
Non linearity error
VDD = AVDD = 5.0 V
VSS = AVSS = 0.0 V
VAREF = 5.0 V
−−
±2
LSB
Zero point error
−−
±2
Full scale error
−−
±2
Total error (Note 1)
−−
±4
(VSS = 0 V, 2.7 V ≤ VDD < 4.5 V, Topr = −40 to 70°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 1.0
−
AVDD
V
Power supply voltage of analog
control circuit
AVDD
VDD
Analog reference voltage range
(Note 4)
∆V
AREF
2.5
−
VDD
Analog input voltage
VAIN
VSS
−
VAREF
Power supply current of analog
reference voltage
IREF
VDD = AVDD = VAREF = 4.5V
VSS = AVSS = 0.0 V
−
0.5
0.8
mA
Non linearity error
VDD = AVDD = 2.7 V
VSS = 0.0 V
VAREF = 2.7 V
−−
±2
LSB
Zero point error
−−
±2
Full scale error
−−
±2
Total error (Note 1)
−−
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com