Electronic Components Datasheet Search
  English  ▼

X  

IL485E Datasheet(PDF) 2 Page - NVE Corporation

Part # IL485E
Description  Isolated RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL485E Datasheet(HTML) 2 Page - NVE Corporation

  IL485E Datasheet HTML 1Page - NVE Corporation IL485E Datasheet HTML 2Page - NVE Corporation IL485E Datasheet HTML 3Page - NVE Corporation IL485E Datasheet HTML 4Page - NVE Corporation IL485E Datasheet HTML 5Page - NVE Corporation IL485E Datasheet HTML 6Page - NVE Corporation IL485E Datasheet HTML 7Page - NVE Corporation IL485E Datasheet HTML 8Page - NVE Corporation IL485E Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IL485
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
Absolute Maximum Ratings(11)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
TS
−65
150
°C
Junction Temperature
TJ
−65
150
°C
Junction Temperature
Voltage Range at A or B Bus Pins
−7
12
V
Supply Voltage (1)
VDD1, VDD2
−0.5
7
V
Digital Input Voltage
−0.5
VDD + 0.5
V
Digital Output Voltage
−0.5
VDD + 1
V
Continuous Total Power Dissipation
725
377
mW
25°C
85°C
Maximum Output Current
IO
95
mA
Lead Solder Temperature
260
°C
10 sec.
ESD
2
kV
HBM
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Voltage
VDD1
VDD2
3.0
4.5
5.5
5.5
V
Ambient Operating Temperature
TA
−40
85
°C
Junction Temperature
TJ
−40
100
°C
Input Voltage at any Bus Terminal
(separately or common mode)
VI
VIC
12
−7
V
High-Level Digital Input Voltage
VIH
2.4
3.0
VDD1
V
VDD1 = 3.3 V
VDD1 = 5.0 V
Low-Level Digital Input Voltage
VIL
0
0.8
V
Differential Input Voltage (2)
VID
+12/−7
V
High-Level Output Current (Driver)
IOH
60
mA
High-Level Digital Output Current
(Receiver)
IOH
8
mA
Low-Level Output Current (Driver)
IOL
−60
mA
Low-Level Digital Output Current
(Receiver)
IOL
−8
mA
Transient Immunity
20
kV/μs
Digital Input Signal
Rise and Fall Times
tIR,tIF
DC Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com