Electronic Components Datasheet Search
  English  ▼

X  

MP4015 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4015
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4015 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4015 Datasheet HTML 1Page - Toshiba Semiconductor MP4015 Datasheet HTML 2Page - Toshiba Semiconductor MP4015 Datasheet HTML 3Page - Toshiba Semiconductor MP4015 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP4015
2006-10-27
1
TOSHIBA Power Transistor Module
Silicon NPN Triple Diffused Type (Four Darlington Power Transistors in One)
MP4015
High Power Switching Applications
Hammer Drive, Pulse Motor Drive
Inductive Load Switching
• Small package by full molding (SIP 10 pins)
• High collector power dissipation (4-device operation)
: PT = 4 W (Ta = 25°C)
• High collector current: IC (DC) = 5 A (max)
• High DC current gain: hFE = 1000 (min) (VCE = 4 V, IC = 3 A)
• Zener diode included between collector and base.
• Unclamped inductive load energy: ES/B = 100 mJ (min)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
55
V
Collector-emitter voltage
VCEO
60 ± 10
V
Emitter-base voltage
VEBO
6
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Continuous base current
IB
0.5
A
Collector power dissipation
(1-device operation)
PC
2.0
W
Collector power dissipation
(4-device operation)
PT
4.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Array Configuration
Marking
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-25A1A
Weight: 2.1 g (typ.)
2
1
R1 R2
9
10
R1 ≈ 5 kΩ
R2 ≈ 150 Ω
8
3
5
4
7
6
MP4015
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - MP4015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
160Kb / 4P
TOSHIBA Power Transistor Module
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
TOSHIBA Power Transistor Module
More results

Similar Description - MP4015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4503 TOSHIBA-MP4503 Datasheet
191Kb / 8P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
20-Nov-2002
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
20-Nov-2002
MP4020 TOSHIBA-MP4020 Datasheet
154Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4013 TOSHIBA-MP4013 Datasheet
138Kb / 5P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4009 TOSHIBA-MP4009_07 Datasheet
154Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
MP4013 TOSHIBA-MP4013_07 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4101 TOSHIBA-MP4101_07 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4514 TOSHIBA-MP4514_07 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4504 TOSHIBA-MP4504 Datasheet
140Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com