Electronic Components Datasheet Search
  English  ▼

X  

MP4020 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MP4020
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4020 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MP4020 Datasheet HTML 1Page - Toshiba Semiconductor MP4020 Datasheet HTML 2Page - Toshiba Semiconductor MP4020 Datasheet HTML 3Page - Toshiba Semiconductor MP4020 Datasheet HTML 4Page - Toshiba Semiconductor MP4020 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MP4020
2006-10-27
3
Collector current IC (A)
hFE – IC
Base current IB (mA)
VCE – IB
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
0.3
0.5
1
3
5
10
0.1
10
0.3
0.5
1
3
5
Common emitter
IC/IB = 500
25
Ta = −55°C
100
0.3
0.5
1
3
5
10
0.1
10
0.3
0.5
1
3
5
Common emitter
IC/IB = 500
25
Ta = −55°C
100
0
0
0.8
1.6
2.4
3.2
0.8
1.6
2.4
Common emitter
VCE = 2 V
25
Ta = 100°C
−55
0
0
2
4
6
8
0.8
1.6
2.4
3
1
0.5
0.3
0.22
0.20
IB = 0.18 mA
Common emitter
Ta = 25°C
0
10000
100
0.03
Common emitter
VCE = 2 V
300
1000
3000
5000
0.05
0.1
0.3
1
0.5
3
5
10
25
Ta = 100°C
−55
500
0
0.1
0.3
1
10
30
100
3
300
2.4
0.4
1.6
2.0
0.8
1.2
Common emitter
Ta = 25°C
0.1
0.5
1.0
1.5
2.0
2.5
IC = 3.0 A
500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com