Electronic Components Datasheet Search
  English  ▼

X  

RN2102 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2102
Description  Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2102 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2102 Datasheet HTML 1Page - Toshiba Semiconductor RN2102 Datasheet HTML 2Page - Toshiba Semiconductor RN2102 Datasheet HTML 3Page - Toshiba Semiconductor RN2102 Datasheet HTML 4Page - Toshiba Semiconductor RN2102 Datasheet HTML 5Page - Toshiba Semiconductor RN2102 Datasheet HTML 6Page - Toshiba Semiconductor RN2102 Datasheet HTML 7Page - Toshiba Semiconductor RN2102 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN2101
∼RN2106
2007-11-01
1
Type No.
R1 (kΩ)
R2 (kΩ)
RN2101
4.7
4.7
RN2102
10
10
RN2103
22
22
RN2104
47
47
RN2105
2.2
47
RN2106
4.7
47
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2101, RN2102, RN2103,
RN2104, RN2105, RN2106
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
Built-in bias resistors
Simplified circuit design
Fewer parts and simplified manufacturing process
Complementary to RN1101~RN1106
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2101~2106
VCEO
−50
V
RN2101~2104
−10
Emitter-base voltage
RN2105, 2106
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2101~2106
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
JEDEC
―
EIAJ
―
TOSHIBA
2-2H1A
Weight: 2.4 mg
Unit: mm


Similar Part No. - RN2102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2102 TOSHIBA-RN2102 Datasheet
256Kb / 7P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2102 TOSHIBA-RN2102 Datasheet
559Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2102ACT TOSHIBA-RN2102ACT Datasheet
196Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2102CT TOSHIBA-RN2102CT Datasheet
195Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2102MFV TOSHIBA-RN2102MFV Datasheet
206Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2421 TOSHIBA-RN2421 Datasheet
332Kb / 8P
PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
RN1414 TOSHIBA-RN1414_07 Datasheet
184Kb / 8P
Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1421 TOSHIBA-RN1421_07 Datasheet
547Kb / 8P
Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2321A TOSHIBA-RN2321A Datasheet
206Kb / 11P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2907 TOSHIBA-RN2907_07 Datasheet
313Kb / 6P
Silicon PNP Epitaxial Type (PCT Process)Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com