Electronic Components Datasheet Search
  English  ▼

X  

MP4212 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4212
Description  High Power High Speed Switching Applications H-Switch Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4212 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4212 Datasheet HTML 1Page - Toshiba Semiconductor MP4212 Datasheet HTML 2Page - Toshiba Semiconductor MP4212 Datasheet HTML 3Page - Toshiba Semiconductor MP4212 Datasheet HTML 4Page - Toshiba Semiconductor MP4212 Datasheet HTML 5Page - Toshiba Semiconductor MP4212 Datasheet HTML 6Page - Toshiba Semiconductor MP4212 Datasheet HTML 7Page - Toshiba Semiconductor MP4212 Datasheet HTML 8Page - Toshiba Semiconductor MP4212 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP4212
2006-10-27
1
TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type (Four L2-π-MOSV in One)
MP4212
High Power High Speed Switching Applications
H-Switch Driver
• 4-V gate drivability
• Small package by full molding (SIP 10 pin)
• High drain power dissipation (4-device operation)
: PT = 4 W (Ta = 25°C)
• Low drain-source ON resistance: RDS (ON) = 120 mΩ (typ.) (N-ch)
160 mΩ (typ.) (P-ch)
• High forward transfer admittance: |Yfs| = 5.0 S (typ.) (Nch)
4.0 S (typ.) (Pch)
• Low leakage current: IGSS = ±10 μA (max) (VGS = ±16 V)
IDSS = 100 μA (max) (VDS = 60 V)
• Enhancement-mode: Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
Nch
Pch
Unit
Drain-source voltage
VDSS
60
−60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
60
−60
V
Gate-source voltage
VGSS
±20
±20
V
DC
ID
5
−5
Drain current
Pulse
IDP
20
−20
A
Drain power dissipation
(1-device operation, Ta = 25°C)
PD
2.0
W
Drain power dissipation
(4-device operation, Ta = 25°C)
PDT
4.0
W
Single pulse avalanche energy
(Note 1)
EAS
129
273
mJ
Avalanche current
IAR
5
−5
A
1-device
operation
EAR
0.2
Repetitive avalanche
energy
(Note 2) 4-device
operation
EART
0.4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Condition fo avalanche energy (single pulse) measurement
Nch: VDD = 25 V, starting Tch = 25°C, L = 7 mH, RG = 25 Ω, IAR = 5 A
Pch: VDD = −25 V, starting Tch = 25°C, L = 14.84 mH, RG = 25 Ω, IAR = −5 A
Note 2: Repetitive rating; pulse width limited by maximum channel temperature
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-25A1C
Weight: 2.1 g (typ.)


Similar Part No. - MP4212

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4212 TOSHIBA-MP4212 Datasheet
489Kb / 9P
HIGH POWER SPEED SWITCHING APPLICATIONS H SWITCH DRIVER
More results

Similar Description - MP4212

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4207 TOSHIBA-MP4207 Datasheet
463Kb / 9P
N & P CHANNEL MOS TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS, H - SWITCH DRIVER)
24-May-2001
MP4212 TOSHIBA-MP4212 Datasheet
489Kb / 9P
HIGH POWER SPEED SWITCHING APPLICATIONS H SWITCH DRIVER
SSM6K201FE TOSHIBA-SSM6K201FE Datasheet
362Kb / 5P
Power Management Switch Applications High Speed Switching Applications
SSM3J114TU TOSHIBA-SSM3J114TU Datasheet
185Kb / 6P
High-Speed Switching Applications Power Management Switch Applications
SSM3J317T TOSHIBA-SSM3J317T Datasheet
217Kb / 6P
Power Management Switch Applications High-Speed Switching Applications
SSM6K211FE TOSHIBA-SSM6K211FE Datasheet
204Kb / 6P
High-Speed Switching Applications Power Management Switch Applications
SSM3J304T TOSHIBA-SSM3J304T_10 Datasheet
250Kb / 6P
Power Management Switch Applications High-Speed Switching Applications
SSM3K333R TOSHIBA-SSM3K333R Datasheet
215Kb / 5P
Power Management Switch Applications High-Speed Switching Applications
SSM6J410TU TOSHIBA-SSM6J410TU Datasheet
224Kb / 6P
Power Management Switch Applications High-Speed Switching Applications
SSM6K411TU TOSHIBA-SSM6K411TU Datasheet
209Kb / 6P
Power Management Switch Applications High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com