Electronic Components Datasheet Search
  English  ▼

X  

RN4604 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN4604
Description  Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4604 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN4604 Datasheet HTML 1Page - Toshiba Semiconductor RN4604 Datasheet HTML 2Page - Toshiba Semiconductor RN4604 Datasheet HTML 3Page - Toshiba Semiconductor RN4604 Datasheet HTML 4Page - Toshiba Semiconductor RN4604 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN4604
2007-11-01
1
TOSHIBA Transistor
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4604
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
Including two devices in SM6 (super mini type with 6 leads)
With built-in bias resistors
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Equivalent Circuit and Bias Resister Values
R1: 47kΩ
R2: 47kΩ
(Q1, Q2 Common)
Q1 Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−10
V
Collector current
IC
−100
mA
Q2 Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
10
V
Collector current
IC
100
mA
JEDEC
―
EIAJ
―
TOSHIBA
2-3N1A
Weight: 0.015g
Unit in mm


Similar Part No. - RN4604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4604 TOSHIBA-RN4604 Datasheet
149Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
08-Feb-2001
More results

Similar Description - RN4604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4904 TOSHIBA-RN4904 Datasheet
152Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
08-Feb-2001
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
07-Jun-2001
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
07-Jun-2001
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com