Electronic Components Datasheet Search
  English  ▼

X  

MP4305 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # MP4305
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4305 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MP4305 Datasheet HTML 1Page - Toshiba Semiconductor MP4305 Datasheet HTML 2Page - Toshiba Semiconductor MP4305 Datasheet HTML 3Page - Toshiba Semiconductor MP4305 Datasheet HTML 4Page - Toshiba Semiconductor MP4305 Datasheet HTML 5Page - Toshiba Semiconductor MP4305 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MP4305
2006-10-27
5
Ambient temperature Ta (°C)
PT – Ta
Total power dissipation PT (W)
ΔTj – PT
Pulse width tw (s)
Collector-emitter voltage VCE (V)
Safe Operating Area
0
0
Circuit board
Attached on a circuit board
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
40
80
120
160
200
1
2
3
4
5
(4)
(2)
(1)
(3)
rth – tw
0.001
0.01
0.1
1
10
100
1000
0.3
-No heat sink/Attached on a circuit board-
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
Curves should be applied in thermal
limited area. (Single nonrepetitive pulse)
The figure shows thermal resistance per
device versus pulse width.
(4)
(2)
(1)
1
3
10
30
100
300
(3)
0
0
Attached on a circuit board
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
2
4
6
8
10
40
80
120
160
200
(4)
(2)
(1)
(3)
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
−0.01
−1
−3
−10
−30
−100
−300
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
−20
IC max (pulsed)*
10 ms*
1 ms*
100 μs*
VCEO max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com