Electronic Components Datasheet Search
  English  ▼

X  

IL3185 Datasheet(PDF) 12 Page - NVE Corporation

Part # IL3185
Description  Low-Cost Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3185 Datasheet(HTML) 12 Page - NVE Corporation

Back Button IL3185 Datasheet HTML 8Page - NVE Corporation IL3185 Datasheet HTML 9Page - NVE Corporation IL3185 Datasheet HTML 10Page - NVE Corporation IL3185 Datasheet HTML 11Page - NVE Corporation IL3185 Datasheet HTML 12Page - NVE Corporation IL3185 Datasheet HTML 13Page - NVE Corporation IL3185 Datasheet HTML 14Page - NVE Corporation IL3185 Datasheet HTML 15Page - NVE Corporation IL3185 Datasheet HTML 16Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IL3185/IL3122
12
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.youTube.com/NveCorporation
iso-apps@nve.com
Fail-Safe Biasing
Power Supply Decoupling
Both VDD1 and VDD2 should be bypassed with 0.1 µF typical (0.047 µF minimum) capacitors placed as close as possible to
the VDD pins.
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to meeting JEDEC standards, NVE isolator packages have
unique creepage specifications. Standard pad libraries often extend under the package, compromising creepage and clearance.
Similarly, ground planes, if used, should be spaced to avoid compromising clearance. Package drawings and recommended pad
layouts are included in this datasheet.
Magnetic Field Immunity
IsoLoop Isolators operate by imposing a magnetic field on a GMR sensor, which translates the change in field into a change in
logic state. A magnetic shield and a Wheatstone Bridge configuration provide good immunity to external magnetic fields.
Immunity to external magnetic fields can be enhanced by proper orientation of the device with respect to the field direction and
larger boost capacitors.
An applied field in the “H1” direction is the worst case for magnetic immunity. In this case the external field is in the same
direction as the applied internal field. In one direction it will tend to
help switching; in the other it will hinder switching. This can cause
unpredictable operation.
An applied field in the direction of “H2” has considerably less effect
on the sensor and will result in significantly higher immunity levels as
shown in Table 1.
The greatest magnetic immunity is achieved by adding a larger boost
capacitor across the input resistor. Very high immunity can be
achieved with this method.
Fail-Safe
RT
Loading
Operation?
None
Four unit loads (12 kΩ ea.)
238 mV
Yes
120 Ω
Four unit loads (12 kΩ ea.)
5 mV
No
560 Ω
120 Ω
Four unit loads (12 kΩ ea.)
254 mV
Yes
510 Ω
120 Ω
32 unit loads (12 kΩ ea.)
247 mV
Yes
Nominal VA-B
(inactive)
RFS-EXT
Internal Only
Internal Only
Figure 3. Orientation of External Magnetic Field
V
DD1
V
COIL2
GND
1
V
COIL1
GND
2
R
NC
RE
B
DE
A
D
V
DD2
NC
GND
1
GND
2
H1
H2
R
B
V
DD
GND
A
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com