Electronic Components Datasheet Search
  English  ▼

X  

C3205 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # C3205
Description  BIPOLAR TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

C3205 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  C3205 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C3205 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C3205 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C3205 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KTC3205
1
/
4
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
BIPOLAR TRANSISTOR (NPN)
FEATURES
Complementary to KTA1273
High Current Application
Surface Mount device
SOT-89
MECHANICAL DATA
Case: SOT-89
Case Material: Molded Plastic. UL flammability
Classification Rating: 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Weight: 0.055 grams (approximate)
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~+150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Min Typ Ma
x
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
30
V
IC=1mA,IE=0
Collector-emitter
breakdown
voltage
V(BR)CEO
30
V
IC=10mA,IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
V
IE=1mA,IC=0
Collector cut-off current
ICBO
0.1
uA
VCB=30V, IE=0
Emitter cut-off current
IEBO
0.1
uA
VEB=5V, IC=0
DC current gain
hFE
100
320
VCE=2V, IC=500mA
Collector-emitter saturation voltage
VCE(sat)
2
V
IC=1.5A,IB=30mA
Base-emitter voltage
VBE
1
V
VCE=2V, IC=500mA
Transition frequency
fT
120
MHz VCE=6V, IC=500mA
Collector output capacitance
Cob
13
pF
VCB=10V, IE=0, f=1MHz
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
3205


Similar Part No. - C3205

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3205 GENERAL-C3205 Datasheet
73Kb / 1P
2P 22 7/30 TC FEP OAS FLEX PVDF TYPE CMP
logo
SeCoS Halbleitertechnol...
C3205 SECOS-C3205 Datasheet
57Kb / 1P
NPN Silicon General Purpose Transistor
More results

Similar Description - C3205

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
NPN BIPOLAR TRANSISTOR
2N2369A MICROSEMI-2N2369A Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3700 MICROSEMI-2N3700 Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUD43D2 ONSEMI-BUD43D2 Datasheet
145Kb / 12P
Bipolar NPN Transistor
June, 2002 ??Rev. 2
logo
Seme LAB
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
Dual NPN Bipolar transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com