Electronic Components Datasheet Search
  English  ▼

X  

IL3585 Datasheet(PDF) 13 Page - NVE Corporation

Part # IL3585
Description  High Speed Isolated RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3585 Datasheet(HTML) 13 Page - NVE Corporation

Back Button IL3585 Datasheet HTML 8Page - NVE Corporation IL3585 Datasheet HTML 9Page - NVE Corporation IL3585 Datasheet HTML 10Page - NVE Corporation IL3585 Datasheet HTML 11Page - NVE Corporation IL3585 Datasheet HTML 12Page - NVE Corporation IL3585 Datasheet HTML 13Page - NVE Corporation IL3585 Datasheet HTML 14Page - NVE Corporation IL3585 Datasheet HTML 15Page - NVE Corporation IL3585 Datasheet HTML 16Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IL3585
13
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Ordering Information and Valid Part Numbers
IL 35 85 -3 V E TR13
Bulk Packaging
Blank = Tube
TR13 = 13'' Tape and Reel
Package
E = RoHS Compliant
Isolation Grade
Blank = 2.5 kV Isolation / 600 WV
V = 6 kV Isolation / 1 kV WV
Package Type
Blank = 0.3'' SOIC
-3 = 0.15'' SOIC
Channel Configuration
85 = RS-485
Base Part Number
35 = Digital-In, 40 Mbps Transceiver
Product Family
IL = Isolators
Valid Part Numbers
IL3585E
IL3585E TR13
IL3585-3E
IL3585-3E TR13
IL3585VE
IL3585VE TR13
RoHS
COMPLIANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com