Electronic Components Datasheet Search
  English  ▼

X  

LD4160 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LD4160
Description  POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD4160 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LD4160 Datasheet HTML 1Page - Powerex Power Semiconductors LD4160 Datasheet HTML 2Page - Powerex Power Semiconductors LD4160 Datasheet HTML 3Page - Powerex Power Semiconductors LD4160 Datasheet HTML 4Page - Powerex Power Semiconductors LD4160 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual Diode Isolated Module
600 Amperes / Up to 2400 Volts
Revision Date: 11/5/2002
LD41__60
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LD412460 is a 2400V,
600 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module.
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LD41
08
10
12 to 24
60
LD41__60
Dual Diode
POW-R-BLOK
TM
Module
600 Amperes / 800-2400 Volts
LD41 Outline Dimensions
Dimension
Inches
Millimeters
A
5.91
150.0
B
4.88
124.0
C
4.41
112.0
D
2.36
60.0
E
2.05
52.0
F
1.97
50.0
G
1.89
48.0
H
1.73
44.0
J
1.22
31.0
K
1.10
28.0
L
1.00
25.4
M
0.69
17.5
N
0.39
10.0
P
M10 Metric
M10
Q
0.26 Dia.
6.5 Dia.
R
0.24
6.0
S
0.12
3.0
T
.110 x .032
2.5 x 0.8
Note: Dimensions are for reference only.
Description:
Powerex Dual Diode Modules are
designed for use in applications
requiring rectification and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Isolator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
CONNECTION DIAGRAM
1
2
3
J
F
C
B
A
R
L
H
Q - DIA. (4
TYP.)
P - M10 THD (3
TYP.)
K
D
G
M
N
S
E
1
2
3
OUTLINE DRAWING


Similar Part No. - LD4160

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD41 LIGHTGRAPHIX-LD41 Datasheet
2Mb / 5P
WALL LIGHT
8 April 2026
logo
Inchange Semiconductor ...
LD411660 ISC-LD411660 Datasheet
281Kb / 2P
Standard Rectifier Diode
logo
Powerex Power Semicondu...
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
logo
Inchange Semiconductor ...
LD412060 ISC-LD412060 Datasheet
296Kb / 2P
Dual Diode Isolated Module
LD412060 ISC-LD412060_V01 Datasheet
296Kb / 2P
Dual Diode Isolated Module
More results

Similar Description - LD4160

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
LS4160 POWEREX-LS4160 Datasheet
95Kb / 4P
POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
ND4126 POWEREX-ND4126 Datasheet
96Kb / 4P
POW-R-BLOK Dual Diode Isolated Module (260 Amperes / Up to 2000 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD4306 POWEREX-PD4306 Datasheet
99Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (600 Amperes / Up to 2400 Volts)
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
QRD2412001 POWEREX-QRD2412001 Datasheet
58Kb / 4P
POW-R-BLOK Dual DIODE Module (120 Amperes / Up to 2400 Volts)
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PS432415 POWEREX-PS432415 Datasheet
277Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com