Electronic Components Datasheet Search
  English  ▼

X  

SSM3J15F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J15F
Description  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J15F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J15F Datasheet HTML 1Page - Toshiba Semiconductor SSM3J15F Datasheet HTML 2Page - Toshiba Semiconductor SSM3J15F Datasheet HTML 3Page - Toshiba Semiconductor SSM3J15F Datasheet HTML 4Page - Toshiba Semiconductor SSM3J15F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3J15F
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIN.
TYP.
MAX.
UNIT
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
⎯
⎯
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = −0.1 mA, VGS = 0
−30
⎯
⎯
V
Drain cut-off current
IDSS
VDS = −30 V, VGS = 0
⎯
⎯
−1
μA
Gate threshold voltage
Vth
VDS = −3 V, ID = −0.1 mA
−1.1
⎯
−1.7
V
Forward transfer admittance
⎪Yfs⎪
VDS = −3 V, ID = −10 mA
20
⎯
⎯
mS
ID = −10 mA, VGS = −4 V
⎯
8
12
Drain-Source ON resistance
RDS (ON)
ID = −1 mA, VGS = −2.5 V
⎯
14
32
Ω
Input capacitance
Ciss
⎯
9.1
⎯
pF
Reverse transfer capacitance
Crss
⎯
3.5
⎯
pF
Output capacitance
Coss
VDS = −3 V, VGS = 0, f = 1 MHz
⎯
8.6
⎯
pF
Turn-on time
ton
⎯
65
⎯
Switching time
Turn-off time
toff
VDD = −5 V, ID = −10 mA,
VGS = 0~−5 V
⎯
175
⎯
ns
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = −100 μA for this
product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage
than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on))
Please take this into consideration for using the device.
VDD = −5 V
Duty <= 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
IN
0
−5V
10
μs
VDD
OUT
RL
(c) VOUT
ton
90%
10%
−5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD
(b) VIN
(a) Test circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com