Electronic Components Datasheet Search
  English  ▼

X  

LD4250 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # LD4250
Description  POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD4250 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  LD4250 Datasheet HTML 1Page - Powerex Power Semiconductors LD4250 Datasheet HTML 2Page - Powerex Power Semiconductors LD4250 Datasheet HTML 3Page - Powerex Power Semiconductors LD4250 Datasheet HTML 4Page - Powerex Power Semiconductors LD4250 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
500 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
LD42__50
Six-Pulse Bridge Circuit Total Power Dissipation & Maximum Rated Output Current With Sink to Ambient
Resistance of Heatsink as a Parameter.
Total Power Dissipation vs Maximum Rated Output Current
0
500
1000
1500
2000
2500
3000
3500
4000
0
200
400
600
800
1000
1200
1400
Maximum Bridge Output Current (A)
0
500
1000
1500
2000
2500
3000
3500
4000
Powerex
LD42--50 Pow-R-Blok 6-Pulse Bridge
0
500
1000
1500
2000
2500
3000
3500
4000
10
30
50
70
90
110
130
Ambient Temperature (C)
0.30
0.20
0.15
0.12
0.10
0.08
0.06
0.05
0.04
0.03
0.025
0.02
0.015
0.01
Rth S-A (C/W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com