Electronic Components Datasheet Search
  English  ▼

X  

PTH9L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PTH9L
Description  PTC THERMISTOR LEADED TYPE FOR TEMPERATURE SENSING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PTH9L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PTH9L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CG01-J
557
THERMISTOR PRODUCTS
PTC THERMISTOR LEADED TYPE
FOR TEMPERATURE SENSING
PTH9L/M Series
PTH9L
PTH9M
SPECIFICATIONS
Part Number
Temperature
Resistance Value in Ohms
Voltage
Current
PTH9M
PTH9L
Characteristics
25°C
At Sensing
At Sensing
(VDC)
(A)
(C.P.)
Temperature – 10°C
Temperature
max.
max.
PTH9M04BH471TS2F333
PTH9L04BH471TS2F330
BH (40)
330 max. (50°C)
470 min. (60°C)
PTH9M04BG471TS2F333
PTH9L04BG471TS2F330
BG (50)
330 max. (60°C)
470 min. (70°C)
PTH9M04BF471TS2F333
PTH9L04BF471TS2F330
BF (60)
330 max. (70°C)
470 min. (80°C)
PTH9M04BE471TS2F333
PTH9L04BE471TS2F330
BE (70)
100 max.
330 max. (80°C)
470 min. (90°C)
16
0.1
PTH9M04BD471TS2F333
PTH9L04BD471TS2F330
BD (80)
330 max. (90°C)
470 min. (100°C)
PTH9M04BC471TS2F333
PTH9L04BC471TS2F330
BC (90)
330 max. (100°C)
470 min. (110°C)
PTH9M04BB471TS2F333
PTH9L04BB471TS2F330
BB (100)
330 max. (110°C)
470 min. (120°C)
PTH9M04BH222TS2F333
PTH9L04BH222TS2F330
BH (40)
1.5K max. (50°C)
2.2K min. (60°C)
PTH9M04BG222TS2F333
PTH9L04BG222TS2F330
BG (50)
1.5K max. (60°C)
2.2K min. (70°C)
PTH9M04BF222TS2F333
PTH9L04BF222TS2F330
BF (60)
1.5K max. (70°C)
2.2K min. (80°C)
PTH9M04BE222TS2F333
PTH9L04BE222TS2F330
BE (70)
330 max.
1.5K max. (80°C)
2.2K min. (90°C)
16
0.1
PTH9M04BD222TS2F333
PTH9L04BD222TS2F330
BD (80)
1.5K max. (90°C)
2.2K min. (100°C)
PTH9M04BC222TS2F333
PTH9L04BC222TS2F330
BC (90)
1.5K max. (100°C)
2.2K min. (110°C)
PTH9M04BB222TS2F333
PTH9L04BB222TS2F330
BB (100)
1.5K max. (110°C)
2.2K min. (120°C)
PART NUMBERING SYSTEM
PTH9M
04
BH
471
TS2F333
LEADED
CONSTRUCTION
TEMPERATURE
RESISTANCE
OTHER
TEMPERATURE
CHARACTERISTICS
VALUE
SPECIFICATIONS
SENSING PTC
TS2F333: PTH9M-Std.
M: Panel Mount
TS2F330: PTH9L-Std.
L: Leaded
FEATURES
I PTH9L/M provides an excellent temperature sensing ability,
exhibiting a steep change in electrical resistivity near the
temperature setting
I PTH9M is suitable for power transistors, thyristors, amplifiers,
etc. for overheat protection
I PTH9L is usable as a temperature sensor in air
I PTH9M is a panel-mount style
I Same temperature characteristics between PTH9L and
PTH9M
DIMENSIONS: mm
TYPICAL RESISTANCE–TEMPERATURE
CHARACTERISTICS
7.5 ± 0.4
3.7 ± 0.3
3.0 ± 0.3
13.2 ± 0.5
3.5 ± 1.5
25 min.
*2.5 max.
0.5 ± 0.05
Dia.
t 0.5 ± 0.05
*@ +60°C
5.0 max.
3.5 ± 1.5
4.0 max.
0.5 ± 0.05
20
0
+20
+40
+60
+80 +100 +120 +140
Temperature (°C)
104
103
102
10
1
BB
BC
BD
BE
BF
BG
BH


Similar Part No. - PTH9L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTH90 BOURNS-PTH90 Datasheet
345Kb / 2P
PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
POSISTOR for Circuit Protection
More results

Similar Description - PTH9L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
PTC THERMISTOR FOR DEGAUSSING
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com