Electronic Components Datasheet Search
  English  ▼

X  

LD4350 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LD4350
Description  POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD4350 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LD4350 Datasheet HTML 1Page - Powerex Power Semiconductors LD4350 Datasheet HTML 2Page - Powerex Power Semiconductors LD4350 Datasheet HTML 3Page - Powerex Power Semiconductors LD4350 Datasheet HTML 4Page - Powerex Power Semiconductors LD4350 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
500 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
LD43__50
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LD431650 is a 1600V,
500 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module.
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LD43
08
10
12
14
16
50
LD43__50
Dual SCR
POW-R-BLOK
TM
Module
500 Amperes / 800-1600 Volts
LD43 Outline Dimensions
Dimension
Inches
Millimeters
A
5.91
150.0
B
4.88
124.0
C
4.41
112.0
D
2.36
60.0
E
2.05
52.0
F
1.97
50.0
G
1.89
48.0
H
1.73
44.0
J
1.22
31.0
K
1.10
28.0
L
1.00
25.4
M
0.69
17.5
N
0.39
10.0
P
M10 Metric
M10
Q
0.26 Dia.
6.5 Dia.
R
0.24
6.0
S
0.12
3.0
T
.110 x .032
2.5 x 0.8
Note: Dimensions are for reference only.
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Isolator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
J
F
C
B
A
R
L
H
Q - DIA. (4 TYP.)
P - M10 THD (3 TYP.)
K
D
G
M
N
S
E
T - (4 TYP.)
1
2
3
OUTLINE DRAWING
4
56
7
CONNECTION DIAGRAM
1
2
3
4
5
6
7


Similar Part No. - LD4350

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43 LIGHTGRAPHIX-LD43 Datasheet
3Mb / 6P
LED UPLIGHT
8 April 2026
logo
Powerex Power Semicondu...
LD431843 POWEREX-LD431843 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
Dual SCR Isolated Module
LD431850 POWEREX-LD431850 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
LD432043 POWEREX-LD432043 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
More results

Similar Description - LD4350

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LS4350 POWEREX-LS4350 Datasheet
98Kb / 4P
POW-R-BLOK Single SCR Isolated Module (500 Amperes / Up to 1600 Volts)
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com