Electronic Components Datasheet Search
  English  ▼

X  

SV8012DRP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SV8012DRP
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SV8012DRP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SV8012DRP Datasheet HTML 1Page - Inchange Semiconductor Company Limited SV8012DRP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Triacs
SV8012DRP
www.iscsemi.com
1
FEATURES
· High dv/dt performance
· 150°C maximum junctiontemperature
· Surge capability up to 140A at60Hz half cycle
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
RMS on-state current TC = 135°C
12
A
ITSM
Peak non-repetitive surge current
(single half cycle, TJ (initial) = 25°C)
f = 50Hz
120
A
f = 60Hz
140
I2t
I2t Value for Fusing (t=8.3ms)
86
A2S
PG(AV)
Average Gate Power Dissipation TJ = 150°C
0.5
W
TJ
Operating Junction Temperature
-40~150
℃
Tstg
Storage Temperature
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM, TJ= 25℃
5
uA
IDRM
Repetitive peak off-state current
VD=VDRM, TJ= 25℃
5
uA
IGT
Gate trigger current
VD=12V, RL = 60 Ω
20
mA
IH
Holding current
IGT= 200mA
40
mA
VGT
Gate trigger voltage all quadrant
VD=12V, RL =60Ω
1.3
V
VTM
On-state voltage
IT= 24A, tp= 380μs
1.6
V


Similar Part No. - SV8012DRP

ManufacturerPart #DatasheetDescription
logo
Lumberg
SV80 LUMBERG-SV80 Datasheet
560Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SV80-8 LUMBERG-SV80-8 Datasheet
539Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - SV8012DRP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com