Electronic Components Datasheet Search
  English  ▼

X  

TIC116D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIC116D
Description  iscThyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIC116D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIC116D Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIC116D Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIC116D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
iscThyristors
TIC116D
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM, TJ= 25℃
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM, TJ= 25℃
2
mA
IGT
Gate trigger current
VD=6V, RL = 100Ω
20
mA
VGT
Gate trigger voltage all quadrant
VD=6V, RL = 100Ω
2.5
V
VTM
On-state voltage
IT= 8A, tp= 380μs
1.7
V
PACKAGE OUTLINE
Dimensions in mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com