Electronic Components Datasheet Search
  English  ▼

X  

TIC116N Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIC116N
Description  iscThyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIC116N Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIC116N Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIC116N Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIC116N Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
iscThyristors
TIC116N
www.iscsemi.com
1
FEATURES
· 8 A Continuous On-State Current
· Max IGT of 20 mA
APPLICATIONS
· Heating controls
· High power motor control
· High power switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
Value
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
RMS on-state current TC = 70°C
8
A
ITAV
Average on-state current
5
A
ITM
Surge on-state current
80
A
IGM
Peak gate current
3
A
PG(AV)
Average Gate Power Dissipation
1
W
TJ
Operating Junction Temperature
-40~+125
℃
Tstg
Storage Temperature
-40~+125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
Value
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W


Similar Part No. - TIC116N

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC116N POINN-TIC116N Datasheet
111Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Comset Semiconductor
TIC116N COMSET-TIC116N Datasheet
199Kb / 3P
P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC116N COMSET-TIC116N Datasheet
164Kb / 4P
P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC116N NJSEMI-TIC116N Datasheet
84Kb / 2P
SILICON CONTROLLED RECTIFIERS
logo
List of Unclassifed Man...
TIC116N ETC-TIC116N Datasheet
547Kb / 1P
TIRISTORI I TRIJACI
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com