Electronic Components Datasheet Search
  English  ▼

X  

CP35 Datasheet(PDF) 2 Page - Same Sky Devices

Part # CP35
Description  PELTIER MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP35 Datasheet(HTML) 2 Page - Same Sky Devices

  CP35 Datasheet HTML 1Page - Same Sky Devices CP35 Datasheet HTML 2Page - Same Sky Devices CP35 Datasheet HTML 3Page - Same Sky Devices CP35 Datasheet HTML 4Page - Same Sky Devices CP35 Datasheet HTML 5Page - Same Sky Devices CP35 Datasheet HTML 6Page - Same Sky Devices CP35 Datasheet HTML 7Page - Same Sky Devices CP35 Datasheet HTML 8Page - Same Sky Devices CP35 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SAME SKY | SERIES: CP35 | DESCRIPTION: PELTIER MODULE
date 09/12/2024 | page 2 of 10
sameskydevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
CP35347, CP353047, CP35447, CP354047
all other models
235
138
°C
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold and
hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP35147
15 ±0.3
15 ±0.3
4.7 ±0.1
CP35247
20 ±0.3
20 ±0.3
4.7 ±0.1
CP35301547
30 ±0.3
15 ±0.3
4.7 ±0.1
CP353471
30 ±0.3
30 ±0.3
4.7 ±0.1
CP353047
30 ±0.3
30 ±0.3
4.7 ±0.1
CP35447
40 ±0.3
40 ±0.3
4.65 ±0.025
CP354047
40 ±0.3
40 ±0.3
4.7 ±0.1
Notes: 1. Wire lead strip length on model CP35347 is 10 ±3.0 mm.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com