Electronic Components Datasheet Search
  English  ▼

X  

CP39H Datasheet(PDF) 1 Page - Same Sky Devices

Part # CP39H
Description  PELTIER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP39H Datasheet(HTML) 1 Page - Same Sky Devices

  CP39H Datasheet HTML 1Page - Same Sky Devices CP39H Datasheet HTML 2Page - Same Sky Devices CP39H Datasheet HTML 3Page - Same Sky Devices CP39H Datasheet HTML 4Page - Same Sky Devices CP39H Datasheet HTML 5Page - Same Sky Devices CP39H Datasheet HTML 6Page - Same Sky Devices CP39H Datasheet HTML 7Page - Same Sky Devices CP39H Datasheet HTML 8Page - Same Sky Devices CP39H Datasheet HTML 9Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
date 09/12/2024
page 1 of 9
SERIES: CP39H | DESCRIPTION: PELTIER MODULE
sameskydevices.com
FEATURES
• arcTEC™ structure on select models
• enhanced reliability for high thermal cycling
• superior thermal performance
• silicon sealed
• wide
ΔT max
• low profile
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP39136H
3.8
3.9
0.85
8.6
9.5
70
77
CP39236H
8.8
3.9
1.95
18.7
20.9
70
77
CP39234030H
14.9
3.9
3.38
31.0
35.9
68
75
CP39301536H
7.6
3.9
1.73
16.5
18.1
70
77
CP393365H6
15.7
3.9
3.50
35.2
39.0
70
77
CP3940443656
32.5
3.9
6.95±5%
71.8
80.0
70
77
Notes:
1. Maximum voltage at
ΔT max and T
h=27°C
2. Maximum current to achieve
ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
6. Designed with arcTEC™ structure.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


Similar Part No. - CP39H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP39H CUI-CP39H Datasheet
639Kb / 6P
PELTIER MODULE
CP39H CUI-CP39H Datasheet
641Kb / 6P
PELTIER MODULE
CP39H CUI-CP39H Datasheet
1Mb / 9P
PELTIER MODULE
11/12/2020
logo
CUI Devices
CP39H CUID-CP39H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
logo
CUI INC
CP39H-2 CUI-CP39H-2 Datasheet
330Kb / 4P
PELTIER MODULE
More results

Similar Description - CP39H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com