Electronic Components Datasheet Search
  English  ▼

X  

CP40 Datasheet(PDF) 2 Page - Same Sky Devices

Part # CP40
Description  PELTIER MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP40 Datasheet(HTML) 2 Page - Same Sky Devices

  CP40 Datasheet HTML 1Page - Same Sky Devices CP40 Datasheet HTML 2Page - Same Sky Devices CP40 Datasheet HTML 3Page - Same Sky Devices CP40 Datasheet HTML 4Page - Same Sky Devices CP40 Datasheet HTML 5Page - Same Sky Devices CP40 Datasheet HTML 6Page - Same Sky Devices CP40 Datasheet HTML 7Page - Same Sky Devices CP40 Datasheet HTML 8Page - Same Sky Devices CP40 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SAME SKY | SERIES: CP40 | DESCRIPTION: PELTIER MODULE
date 09/12/2024 | page 2 of 15
sameskydevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
CP40347, CP40447, CP40147, CP40247, CP402533
CP40301547, CP404046, CP40439, CP4055485
all other models
235
138
°C
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads (3.3 &
3.6 mm models)
22 AWG
tin
wire leads
(all other
mod-
els)
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold and
hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP40136
15 ±0.3
15 ±0.3
3.6 ±0.1
CP40236
20 ±0.3
20 ±0.3
3.6 ±0.1
CP40336
30 ±0.3
30 ±0.3
3.6 ±0.1
CP40147
15 ±0.3
15 ±0.3
4.6 ±0.1
CP40247
20 ±0.3
20 ±0.3
4.6 ±0.1
CP4025331
25 ±0.3
25 ±0.3
3.3 ±0.1
CP40301547
30 ±0.3
15 ±0.3
4.6 ±0.1
CP403471
30 ±0.3
30 ±0.3
4.6 ±0.1
CP404391
40 ±0.3
40 ±0.3
3.9 ±0.1
CP404046
40 ±0.3
40 ±0.3
4.6 ±0.1
CP404471
40 ±0.3
40 ±0.3
4.6 ±0.1
CP40554851
55 ±0.3
55 ±0.3
4.85 ±0.1
Notes: 1. Wire lead strip length on models CP40347, CP40447, CP40439, CP402533, & CP4055485 is 10 ±3.0 mm.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com