Electronic Components Datasheet Search
  English  ▼

X  

LS410860 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LS410860
Description  POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LS410860 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LS410860 Datasheet HTML 1Page - Powerex Power Semiconductors LS410860 Datasheet HTML 2Page - Powerex Power Semiconductors LS410860 Datasheet HTML 3Page - Powerex Power Semiconductors LS410860 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single Diode Isolated Module
600 Amperes / Up to 2400 Volts
Revision Date: 4/19/2002
LS41__60
CO
C O
G
CONNECTION DIAGRAM
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LS412460 is a 2400V,
600 Ampere Single Diode Isolated
POW-R-BLOK
TM Module.
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LS41
08
10
12 Thru 24
60
LS41__60
Single Diode
POW-R-BLOK
TM
Module
600 Amperes / 800-2400 Volts
LS41 Outline Dimensions
Dimension
Inches
Millimeters
A
3.15
80.0
B
1.50
38.0
C
2.05
52.1
D
3.62
92.0
E
1.97
50.0
F
0.39
9.9
G
0.24
6.1
H
0.79
20.1
J
0.99
25.1
K
0.48
12.2
L
0.12
3.1
M
1.45
36.8
N
1.76
44.7
P
M10 Metric
M10
Q
0.22 Dia.
5.6 Dia.
R
0.99
25.1
Note: Dimensions are for reference only.
Description:
Powerex Single Diode Modules are
designed for use in applications
requiring rectification and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Isolator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
A
B
M
N
H
D
G
E
J
K
C
L
F
R
"Q"
"P"
OUTLINE DRAWING
KA
CONNECTION DIAGRAM
A
K


Similar Part No. - LS410860

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS4117 LINEAR-LS4117 Datasheet
14Kb / 1P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS4117 MICROSS-LS4117 Datasheet
284Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117 MICROSS-LS4117 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117 MICROSS-LS4117 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
logo
Linear Integrated Syste...
LS4117-9 LINEAR-LS4117-9 Datasheet
14Kb / 1P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
More results

Similar Description - LS410860

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD4306 POWEREX-PD4306 Datasheet
99Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (600 Amperes / Up to 2400 Volts)
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
QRD2412001 POWEREX-QRD2412001 Datasheet
58Kb / 4P
POW-R-BLOK Dual DIODE Module (120 Amperes / Up to 2400 Volts)
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS415014 POWEREX-PS415014 Datasheet
164Kb / 6P
POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PS432415 POWEREX-PS432415 Datasheet
277Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com