Electronic Components Datasheet Search
  English  ▼

X  

LS4343 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # LS4343
Description  POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LS4343 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  LS4343 Datasheet HTML 1Page - Powerex Power Semiconductors LS4343 Datasheet HTML 2Page - Powerex Power Semiconductors LS4343 Datasheet HTML 3Page - Powerex Power Semiconductors LS4343 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single SCR Isolated Module
430 Amperes / 1800-2200 Volts
Revision Date: 4/19/2002
LS43__43
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 2200V, TJ=125°C
80
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2200V, TJ=125°C
80
mA
Peak On-State Voltage
VFM
ITM=1500A
1.77
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 130°C, I = 15%IT(AV) to πIT(AV)
0.88
0.66
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 130°C, I = πIT(AV) to ITSM
1.34
0.32
V
mΩ
VTM Coefficients, Full Range
TJ = 130°C, I = 10A to 6kA
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.766
-1.046 E-02
1.805 E-05
2.00 E-02
Minimum dV/dt
dV/dt
Exponential to VDRM
Tj=130°C, Gate Open
1000 Typ.
V/µs
Gate Trigger Current
IGT
Tj=25°C, VD=12V
200
mA
Gate Trigger Voltage
VGT
Tj=25°C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=130°C, VD= ½ VDRM
0.25
Volts
Peak Forward Gate Current
IGTM
4.0
Amp
Peak Reverse Gate Voltage
VGRM
5
Volts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module/Junction
0.0650
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/τ 1))
+ K2 (1-exp(-t/τ 2))
+ K3 (1-exp(-t/τ 3))
+ K4 (1-exp(-t/τ 4))
K1 = 8.03E-04
K2 = 1.03E-02
K3 = 1.64E-02
K4 = 3.75E-02
τ 1 = 3.39E-04
τ 2 = 3.15E-03
τ 3 = 0.106
τ 4 = 2.066
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.02
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com