Electronic Components Datasheet Search
  English  ▼

X  

RN1114 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1114
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1114 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1114 Datasheet HTML 1Page - Toshiba Semiconductor RN1114 Datasheet HTML 2Page - Toshiba Semiconductor RN1114 Datasheet HTML 3Page - Toshiba Semiconductor RN1114 Datasheet HTML 4Page - Toshiba Semiconductor RN1114 Datasheet HTML 5Page - Toshiba Semiconductor RN1114 Datasheet HTML 6Page - Toshiba Semiconductor RN1114 Datasheet HTML 7Page - Toshiba Semiconductor RN1114 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1114~RN1118
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
RN1114~1118
ICBO
―
VCB = 50 V, IE = 0
―
―
100
nA
Collector cut-off current
RN1114~1118
ICEO
―
VCE = 50 V, IB = 0
―
―
500
nA
RN1114
―
VEB = 5 V, IC = 0
0.35
―
0.65
RN1115
―
VEB = 6 V, IC = 0
0.37
―
0.71
RN1116
―
VEB = 7 V, IC = 0
0.36
―
0.68
RN1117
―
VEB = 15 V, IC = 0
0.78
―
1.46
Emitter cut-off current
RN1118
IEBO
―
VEB = 25 V, IC = 0
0.33
―
0.63
mA
RN1114~16, 18
―
50
―
―
DC current gain
RN1117
hFE
―
VCE = 5 V, IC = 10 mA
30
―
―
―
Collector-emitter
saturation voltage
RN1114~1118
VCE (sat)
―
IC = 5 mA, IB = 0.25 mA
―
0.1
0.3
V
RN1114
―
0.6
―
2.0
RN1115
―
0.7
―
2.5
RN1116
―
0.8
―
2.5
RN1117
―
1.5
―
3.5
Input voltage (ON)
RN1118
VI (ON)
―
VCE = 0.2 V, IC = 5 mA
2.5
―
10.0
V
RN1114
―
0.3
―
0.9
RN1115
―
0.3
―
1.0
RN1116
―
0.3
―
1.1
RN1117
―
0.3
―
2.3
Input voltage (OFF)
RN1118
VI (OFF)
―
VCE = 5 V, IC = 0.1 mA
0.5
―
5.7
V
Translation Frequency
RN1114~1118
fT
―
VCE = 10 V, IC = 5 mA
―
250
―
MHz
Collector output
capacitance
RN1114~1118
Cob
―
VCB = 10 V, IE = 0,
f = 1 MHz
―
3.0
6.0
pF
RN1114
―
0.7
1.0
1.3
RN1115
―
1.54
2.2
2.86
RN1116
―
3.29
4.7
6.11
RN1117
―
7.0
10.0
13.0
Input Resistor
RN1118
R1
―
―
32.9
47.0
61.1
kΩ
RN1114
―
―
0.1
―
RN1115
―
―
0.22
―
RN1116
―
―
0.47
―
RN1117
―
―
2.13
―
Resistor Ratio
RN1118
R1/R2
―
―
―
4.7
―
―



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com