Electronic Components Datasheet Search
  English  ▼

X  

K4115 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # K4115
Description  Switching Regulator Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K4115 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  K4115 Datasheet HTML 1Page - Toshiba Semiconductor K4115 Datasheet HTML 2Page - Toshiba Semiconductor K4115 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK4115
2007-07-24
2
Electrical Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
⎯
⎯
±10
μA
Drain-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
⎯
⎯
V
Drain cutoff current
IDSS
VDS = 720 V, VGS = 0 V
⎯
⎯
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
900
⎯
⎯
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
⎯
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 3.5 A
⎯
1.6
2.0
Ω
Forward transfer admittance
⎪Yfs⎪
VDS = 10 V, ID = 3.5 A
3.5
5.0
⎯
S
Input capacitance
Ciss
⎯
1650
⎯
Reverse transfer capacitance
Crss
⎯
30
⎯
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
⎯
140
⎯
pF
Rise time
tr
⎯
50
⎯
Turn-on time
ton
⎯
90
⎯
Fall time
tf
⎯
70
⎯
Switching time
Turn-off time
toff
⎯
240
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
45
⎯
Gate-source charge
Qgs
⎯
24
⎯
Gate-drain (“Miller”) charge
Qgd
VDD ∼− 400 V, VGS = 10 V, ID = 7 A
⎯
21
⎯
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
⎯
⎯
⎯
7
A
Pulse drain reverse current
(Note 1)
IDRP
⎯
⎯
⎯
21
A
Forward voltage (diode)
VDSF
IDR = 7 A, VGS = 0 V
⎯
⎯
−1.7
V
Reverse recovery time
trr
⎯
1400
⎯
ns
Reverse recovery charge
Qrr
IDR = 7 A, VGS = 0 V,
dIDR/dt = 100 A/μs
⎯
12
⎯
μC
Marking
Duty <= 1%, tw = 10 μs
0 V
10 V
VGS
RL = 114 Ω
VDD ∼− 400 V
ID = 3.5 A
VOUT
K4115
TOSHIBA
Lot No.
A line indicates
Lead (Pb)-Free
Part No. (or abbreviation code)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com