Electronic Components Datasheet Search
  English  ▼

X  

QAPP Datasheet(PDF) 2 Page - Qualwave Inc. All rights reserved.

Part # QAPP
Description  Coaxial Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QAPP Datasheet(HTML) 2 Page - Qualwave Inc. All rights reserved.

  QAPP Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QAPP Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coaxial Adapters
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.3
2
Outline Drawings
Unit: mm [in]
Tolerance: ±0.2mm [±0.008in]
How To Order
QAPP-MM - SMP(m) to SMP(m), Outline A
QAPP-MF - SMP(m) to SMP(f), Outline B
QAPP-FF - SMP(f) to SMP(f), 18GHz, Outline C
QAPP-FF-1 - SMP(f) to SMP(f), Outline D
QAPP-FF-2 - SMP(f) to SMP(f), Outline E
QAPP-FF-3 - SMP(f) to SMP(f), Outline F
QAPP-FF-4 - SMP(f) to SMP(f), 6GHz, Outline C
QAPP-FF-5 - SMP(f) to SMP(f), Outline I
QAPP-FF-6 - SMP(f) to SMP(f), Outline J
QAPP-FF-7 - SMP(f) to SMP(f), Outline K
QAPP-FF-8 - SMP(f) to SMP(f), Outline L
QAPP-FF-9 - SMP(f) to SMP(f), Outline M
QAPPL-MM- SMP(m) to SMP(m), Flange mount, Outline G
QAPPL-MM-1 - SMP(m) to SMP(m), Flange mount, Outline H
Customization is available upon request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com