Electronic Components Datasheet Search
  English  ▼

X  

RN47A2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN47A2
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN47A2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN47A2 Datasheet HTML 1Page - Toshiba Semiconductor RN47A2 Datasheet HTML 2Page - Toshiba Semiconductor RN47A2 Datasheet HTML 3Page - Toshiba Semiconductor RN47A2 Datasheet HTML 4Page - Toshiba Semiconductor RN47A2 Datasheet HTML 5Page - Toshiba Semiconductor RN47A2 Datasheet HTML 6Page - Toshiba Semiconductor RN47A2 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN47A2
2007-11-01
1
TOSHIBA Transistor Silicon NPN·PNP Epitaxial Type
(PCT process) (Bias Resistor built-in Transistor)
RN47A2
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications.
• Two devices are incorporated into an Ultra-Super-Mini (5 pin)
package.
• Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enables the manufacture of ever more
compact equipment and lowers assembly cost.
Equivalent Circuit and Bias Resistor Values
Q1
Q2
R1: 22 k
Ω (Q1, Q2 common)
R2: 22 k
Ω (Q1, Q2 common)
Q1: RN1103F
Q2: RN2103F
Marking
Equivalent Circuit (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2L1D
Weight:0.0062g (typ.)
R1
B
C
E
R1
B
C
E
2 2
4
5
3
1
2
5
4
123
Q1
Q2


Similar Part No. - RN47A2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN47A2 TOSHIBA-RN47A2 Datasheet
92Kb / 4P
SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS
RN47A2JE TOSHIBA-RN47A2JE Datasheet
297Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN47A2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com