Electronic Components Datasheet Search
  English  ▼

X  

MT6L78FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT6L78FS
Description  VHF~UHF Band Low-Noise Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT6L78FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT6L78FS Datasheet HTML 1Page - Toshiba Semiconductor MT6L78FS Datasheet HTML 2Page - Toshiba Semiconductor MT6L78FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT6L78FS
2007-11-01
2
Electrical Characteristics Q1 (Ta = 25°C)
Characteristic
Symbol
Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 5 V, IE = 0
⎯
⎯
0.1
μA
Emitter cutoff current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC current gain
hFE
VCE = 1V, IC = 5 mA
100
⎯
160
⎯
Reverse transfer capacitance
Cre(Note)
VCB = 1 V, IE = 0, f = 1 MHz
⎯
0.65
0.9
pF
Transition frequency
fT
VCE = 1 V, IC = 5 mA
4
6
⎯
GHz
⎪S21e⎪
2 (1)
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
3.5
⎯
Insertion gain
⎪S21e⎪
2 (2)
VCE = 3 V, IC = 20 mA, f = 2 GHz
4
6.5
⎯
dB
Noise figure
NF
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
2.4
3.2
dB
Electrical Characteristics Q2 (Ta = 25°C)
Characteristic
Symbol
Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 5 V, IE = 0
⎯
⎯
0.1
μA
Emitter cutoff current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC current gain
hFE
VCE = 1 V, IC = 5 mA
100
⎯
160
⎯
Reverse transfer capacitance
Cre(Note)
VCB = 1 V, IE = 0, f = 1 MHz
⎯
0.6
0.85
pF
Transition frequency
fT
VCE = 1 V, IC = 5 mA
4
6
⎯
GHz
⎪S21e⎪
2 (1)
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
3.5
⎯
Insertion gain
⎪S21e⎪
2 (2)
VCE = 3 V, IC = 20 mA, f = 2 GHz
4
6.5
⎯
dB
Noise figure
NF
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
2.4
3.2
dB
Note: Cre is measured with a three-terminal method using a capacitance bridge.
Caution
This device is sensitive to electrostatic discharge. Ensure that tools and equipment are sufficiently grounded before
handling. When handling individual devices (which are not yet mounted on a circuit board), ensure that the
environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers
and other objects that come into direct contact with devices should be made of antistatic materials.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com