Electronic Components Datasheet Search
  English  ▼

X  

TLP4592G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP4592G
Description  The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4592G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP4592G Datasheet HTML 1Page - Toshiba Semiconductor TLP4592G Datasheet HTML 2Page - Toshiba Semiconductor TLP4592G Datasheet HTML 3Page - Toshiba Semiconductor TLP4592G Datasheet HTML 4Page - Toshiba Semiconductor TLP4592G Datasheet HTML 5Page - Toshiba Semiconductor TLP4592G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP4592G
2004-07-26
1
TOSHIBA Photocoupler Photorelay
TLP4592G
Telecommunication
Measurement Equipment
Security Equipment
FA
The Toshiba TLP4592G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a DIP
package.
• 6-pin DIP (DIP6)
• Normally closed (1-form-B) device
• Peak off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 100 mA (max)
• On-state resistance: 50 Ω (max)
• Isolation voltage: 2500 Vrms (min)
• UL Recognized: UL1577, File No. E67349
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1
3
6
4
1: アノード
2: カソード
4: ドレインD1
5: ソース
6: ドレインD2
2
5
1
6
4
2
5


Similar Part No. - TLP4592G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4590A TOSHIBA-TLP4590A Datasheet
447Kb / 15P
Photocouplers Photorelay
2022-10-28 Rev.8.0
TLP4590AF TOSHIBA-TLP4590AF Datasheet
447Kb / 15P
Photocouplers Photorelay
2022-10-28 Rev.8.0
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
More results

Similar Description - TLP4592G

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H24B1 QT-H24B1 Datasheet
68Kb / 1P
THE H24B SERIES CONSISTS OF A GALLIUM ARSENIDE INFRARED EMITTING DIODE COUPLED WITH A SILICON PHOTOTRANSISTOR
logo
KODENSHI_AUK CORP.
PC-16T1 KODENSHI-PC-16T1 Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
logo
Texas Instruments
TIL119 TI-TIL119 Datasheet
226Kb / 6P
Gallium Arsenide Diode Infrared Source Optically Coupled to a Silicon NPN Darlinrton-Connected Phototransistor
logo
List of Unclassifed Man...
CLED155 ETC1-CLED155 Datasheet
54Kb / 2P
Gallium Aluminum Arsenide Infrared Emitting Diode
logo
Everlight Electronics C...
ITR9702 EVERLIGHT-ITR9702 Datasheet
235Kb / 8P
Gallium arsenide infrared emitting diode which is coupled with a silicon photo transistor in a plastic housing
ITR8105 EVERLIGHT-ITR8105 Datasheet
175Kb / 8P
Gallium Arsenide Infrared Emitting Diode
logo
Toshiba Semiconductor
TLP595G TOSHIBA-TLP595G Datasheet
318Kb / 8P
The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
logo
Everlight Electronics C...
ITR8010 EVERLIGHT-ITR8010 Datasheet
253Kb / 8P
GALLIUM ARSENIDE INFRARED EMITTING DIODE
ITR8117 EVERLIGHT-ITR8117 Datasheet
241Kb / 8P
Gallium arsenide infrared emitting diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com