Electronic Components Datasheet Search
  English  ▼

X  

TLP3213 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3213
Description  a super small-outline photorelay, suitable for surface-mount assembly
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3213 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3213 Datasheet HTML 1Page - Toshiba Semiconductor TLP3213 Datasheet HTML 2Page - Toshiba Semiconductor TLP3213 Datasheet HTML 3Page - Toshiba Semiconductor TLP3213 Datasheet HTML 4Page - Toshiba Semiconductor TLP3213 Datasheet HTML 5Page - Toshiba Semiconductor TLP3213 Datasheet HTML 6Page - Toshiba Semiconductor TLP3213 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP3213
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >= 25°C)
ΔIF/°C
−0.5
mA/°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
40
V
On-State Current
ION
80
mA
On-State Current Derating (Ta >= 25°C)
ΔION/°C
−0.8
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
−40~125
°C
Operating Temperature Range
Topr
−20~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. <= 60%) (NOTE1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(NOTE1) : Device considered a two-terminal device : Pins 1 and, 2 shorted together, and pins 3 and 4 shorted
together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and
equipment are earthed.
This device is applying super small package which is free for Moisture-Proof packing. However, the application of
this device is premised on use under controlled environmental condition like as measuring instrument. It is necessary to
take precautions of storage condition and operating environmental condition.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
⎯
32
V
Forward Current
IF
10
⎯
30
mA
On-State Current
ION
⎯
⎯
80
mA
Operating Temperature
Topr
25
⎯
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
⎯
⎯
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
⎯
15
⎯
pF
Off-State Current
IOFF
VOFF = 30 V, Ta = 50°C
⎯
⎯
1000
pA
Capacitance
COFF
V
= 0, f = 100 MHz, t < 1 s
⎯
0.6
1.4
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com