Electronic Components Datasheet Search
  English  ▼

X  

D3652 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D3652
Description  20VA CHASSIS MOUNTED TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3652 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D3652 Datasheet HTML 1Page - List of Unclassifed Manufacturers D3652 Datasheet HTML 2Page - List of Unclassifed Manufacturers D3652 Datasheet HTML 3Page - List of Unclassifed Manufacturers D3652 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DAGNALL ELECTRONICS LIMITED
Shuttleworth Road, Elms Industrial Estate, Bedford. MK41 0EP UK
TEL +44(0)1234 330077 FAX +44(0)1234 330088
E-mail sales@dagnall-electronics.com
THIS DOCUMENT IS THE PROPERTY OF DAGNALL ELECTRONICS LIMITED WHICH HOLDS THE COPYRIGHT IN THE DRAWING AND ALL
Iss 1 10/07/03
1 of 4
PRODUCT
DATASHEET
20VA CHASSIS MOUNTED TRANSFORMER
Weight
0.68
Kg
Typical Regulation
7.5
%
Frequency
50/60
Hz
Max Ambient
25
o C
Bobbin Material
UL94-HB Class “B” 130oC
requires additional over-current /over-temperature protection.
Please see sheet 2 for part numbers.
THE DESIGN RIGHTS IN THE PRODUCT OR COMPONENTS DESCRIBED. ANY INFORMATION SHALL NOT BE COPIED, REPRODUCED OR
DIVULGED TO A THIRD PARTY NOR SHALL THE PRODUCT OR COMPONENTS BE MADE, COPIED OR REPRODUCED OR ITS EXISTENCE
DISCLOSED TO A THIRD PARTY WITHOUT THE PRIOR CONSENT IN WRITING OF DAGNALL ELECTRONICS LIMITED.
IN THE INTEREST OF TECHNICAL IMPROVEMENT AND/OR CUSTOMER SERVICE DAGNALL ELECTRONICS RESERVES THE RIGHT TO
INTRODUCE MODIFIED SPECIFICATIONS TO ANY OF THE PRODUCTS ILLUSTRATED OR DESCRIBED IN THIS DATASHEET. E&OE
Designed, Manufactured and tested in accordance
with BS3535, EN60742, EN61558, BS415.
Dual Primaries. For use with 110, 220, 240 input
4000V isolation Primary - Secondary
Comprehensive choice of Secondary Voltages.
Fully shrouded double section construction.


Similar Part No. - D3652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D365MS ETC1-D365MS Datasheet
196Kb / 5P
IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
More results

Similar Description - D3652

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
185D230 HAMMOND-185D230 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185D24 HAMMOND-185D24 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C16 HAMMOND-185C16 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C12 HAMMOND-185C12 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185G10 HAMMOND-185G10 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F24 HAMMOND-185F24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F20 HAMMOND-185F20 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F16 HAMMOND-185F16 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E28 HAMMOND-185E28 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E24 HAMMOND-185E24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com