Electronic Components Datasheet Search
  English  ▼

X  

CLH01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CLH01
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLH01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CLH01 Datasheet HTML 1Page - Toshiba Semiconductor CLH01 Datasheet HTML 2Page - Toshiba Semiconductor CLH01 Datasheet HTML 3Page - Toshiba Semiconductor CLH01 Datasheet HTML 4Page - Toshiba Semiconductor CLH01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CLH01
2006-11-08
3
Instantaneous forward voltage
vF
(V)
iF – vF
Average forward current IF (AV)
(A)
PF (AV) – IF (AV)
Average forward current IF (AV)
(A)
Tℓ max – IF (AV)
Average forward current IF (AV)
(A)
Ta max – IF (AV)
Time t (s)
rth (j-a) – t
1000
0.1
100
10
0.3
0.5
30
50
300
500
0.001
1000
0.01
0.1
100
10
1
0.003
0.03
0.3
3
30
300
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(board thickness:1.6 t
(soldering land)
Cathode 5.7 mm × 6.2 mm
Anode 4.5 mm × 3.4 mm
1
5
3
0.01
0.0
0.2
0.8
0.6
0.1
1
Pulse test
25°C
75°C
Tj = 150°C
10
1.0
1.4
1.2
0.4
1.6
0
1
4
3
5
2
0.0
1.0
2.0
4.0
3.0
60
0
20
40
80
100
140
160
1
0
2
4
3
120
Conduction angle
α = 60°
180°
120°
360°
0°
α
Rectangular
waveform
α
DC
5
60
0
20
40
80
100
120
140
0
1
3
5
4
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(board thickness:1.6 t
(soldering land)
Cathode 5.7 mm × 6.2 mm
Anode 4.5 mm × 3.4 mm
360°
0°
α
Rectangular
waveform
α
α = 60°
180°
120°
Conduction angle
DC
2
α = 60°
180°
120°
360°
0°
α
Rectangular
waveform
α
DC
Conduction angle
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com