Electronic Components Datasheet Search
  English  ▼

X  

CMC01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMC01
Description  SILICON DIFFUSED TYPE For Strobe Discharge Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMC01 Datasheet HTML 1Page - Toshiba Semiconductor CMC01 Datasheet HTML 2Page - Toshiba Semiconductor CMC01 Datasheet HTML 3Page - Toshiba Semiconductor CMC01 Datasheet HTML 4Page - Toshiba Semiconductor CMC01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMC01
2006-11-06
1
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
CMC01
For Strobe Discharge Circuit
• Repetitive peak reverse voltage
• : VRRM = 400 V
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak forward current: IFRM = 150 A (Refer to the Note 2)
Small surface-mount package
“M−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
400
V
Average forward current (Note 1)
IF (AV)
1.0(Ta=47°C)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
30 (50 Hz)
A
Repetitive peak forward current
(Note 2)
IFRM
150
A
Junction temperature
Tj
-40~150
°C
Storage temperature range
Tstg
-40~150
°C
Note 1: Device mounted on a glass-epoxy board
board size: 50 mm
× 50 mm
soldering land: 6 mm
×6 mm
glass-epoxy board thickness 1.6t
Note 3: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage
VFM
IFM = 1.0 A (Pulse test)
⎯
0.86
1.0
V
Repetitive peak reverse current
IRRM
VRRM = 400 V (Pulse test)
⎯
⎯
10
μA
Device mounted on a ceramic board
Board size:
50 mm
× 50 mm
Soldering land: 2 mm
× 2 mm
Ceramic board thickness: 0.64t
⎯
⎯
60
Device mounted on a glass-epoxy
board
Board size: 50 mm
× 50 mm
Soldering land: 6 mm
× 6 mm
glass-epoxy board thickness: 1.6t
⎯
⎯
110
Rth (j-a)
Device mounted on a glass-epoxy
board
Board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
glass-epoxy board thickness: 1.6t
⎯
⎯
180
°C/W
Thermal resistance
Rth (j-ℓ)
―
⎯
⎯
16
°C/W
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMC01

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMC01G CML-CMC01G Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMC01H CML-CMC01H Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMC01R CML-CMC01R Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMC01S CML-CMC01S Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMC01Y CML-CMC01Y Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
More results

Similar Description - CMC01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
Silicon NPN Triple Diffused Type
CMC02 TOSHIBA-CMC02 Datasheet
257Kb / 5P
For Strobe Discharge Circuit
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
Toshiba Semiconductor
TTB001 TOSHIBA-TTB001 Datasheet
203Kb / 5P
Silicon PNP Diffused Type
logo
Shenzhen Taychipst Elec...
U05NH44 TAYCHIPST-U05NH44 Datasheet
1Mb / 2P
RECTIFIER SILICON DIFFUSED TYPE
463232 TAYCHIPST-463232 Datasheet
1Mb / 2P
RECTIFIER SILICON DIFFUSED TYPE
logo
Kersemi Electronic Co.,...
SF3GZ47 KERSEMI-SF3GZ47 Datasheet
909Kb / 5P
THYRISTOR SILICON DIFFUSED TYPE
SF10GZ47 KERSEMI-SF10GZ47 Datasheet
912Kb / 5P
Thyristor silicon diffused type
logo
Toshiba Semiconductor
1ZM27 TOSHIBA-1ZM27 Datasheet
134Kb / 2P
Silicon Diffused Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com