Electronic Components Datasheet Search
  English  ▼

X  

HAF1004S Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAF1004S
Description  Silicon P Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1004S Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAF1004S Datasheet HTML 2Page - Renesas Technology Corp HAF1004S Datasheet HTML 3Page - Renesas Technology Corp HAF1004S Datasheet HTML 4Page - Renesas Technology Corp HAF1004S Datasheet HTML 5Page - Renesas Technology Corp HAF1004S Datasheet HTML 6Page - Renesas Technology Corp HAF1004S Datasheet HTML 7Page - Renesas Technology Corp HAF1004S Datasheet HTML 8Page - Renesas Technology Corp HAF1004S Datasheet HTML 9Page - Renesas Technology Corp HAF1004S Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HAF1004(L), HAF1004(S)
Rev.5.00, Apr.29.2003, page 7 of 10
–20
–4
–8
–12
–16
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
0.1
Shutdown Time of Lord-Short Test
Pw (S)
200
180
160
140
120
0
Gate to Source Voltage VGS (V)
100
–2
–4
–6
–8
–10
I
= –0.5 A
D
Shutdown Case Temperature vs.
Gate to Source Voltage
0.0001
0.001
0.01
–24V
V
= –16 V
DD
3
1
0.3
0.1
0.03
0.01
10 m
100 m
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
θch – c(t) = γ s (t) • θch – c
θch – c = 6.25˚C/W, Tc = 25˚C
Tc = 25˚C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com