Electronic Components Datasheet Search
  English  ▼

X  

ND4725 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # ND4725
Description  POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND4725 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  ND4725 Datasheet HTML 1Page - Powerex Power Semiconductors ND4725 Datasheet HTML 2Page - Powerex Power Semiconductors ND4725 Datasheet HTML 3Page - Powerex Power Semiconductors ND4725 Datasheet HTML 4Page - Powerex Power Semiconductors ND4725 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
250 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
ND47__25
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 1600
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
1600
V
RMS Forward Current
180° Conduction, TC=89°C
IT(RMS)
393
A
Average Forward Current
180° Conduction, TC=89°C
IT(AV) /IF(AV)
250
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied
ITSM/IFSM
8800
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100%VRRM reapplied
ITSM/IFSM
4685
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied
ITSM/IFSM
4040
A
I
2t for Fusing for One Cycle, 8.3 milliseconds
I
2t
320,000
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Tj=25°C, IG=500mA,
VD=0.67 VDRM (Rated), ITM= πIT(AV),
Tr < 0.5µs, tp > 6µs
di/dt
800
A/µs
Peak Gate Power Dissipation
PGM
16
W
Average Gate Power Dissipation
PG(AV)
3
W
Peak Forward Gate Current
IGFM
4
A
Peak Forward Gate Voltage
VGFM
10
V
Peak Reverse Gate Voltage
VGRM
5
V
Operating Temperature
TJ
-40 to +130
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
45
5
in.-Lb.
Nm
Max. Mounting Torque, M8 Terminal Screw
110
12
in.-Lb.
Nm
Module Weight, Typical
840
g
1.85
lb
V Isolation @ 25C
Vrms
2500
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com