Electronic Components Datasheet Search
  English  ▼

X  

CMC02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMC02
Description  For Strobe Discharge Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMC02 Datasheet HTML 1Page - Toshiba Semiconductor CMC02 Datasheet HTML 2Page - Toshiba Semiconductor CMC02 Datasheet HTML 3Page - Toshiba Semiconductor CMC02 Datasheet HTML 4Page - Toshiba Semiconductor CMC02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMC02
2006-11-06
1
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
CMC02
For Strobe Discharge Circuit
• Repetitive peak reverse voltage: VRRM = 400 V
• Average forward current: IF (AV) = 1.0 A
• Low forward voltage: VFM = 1.0 V (max.)
• Repetitive peak forward current: IFRM = 150 A (Note 2)
• Small surface-mount
package, the “M−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
400
V
Average forward current
IF (AV)
1.0 (Note 1)
A
Peak one-cycle surge forward current
(non-repetitive)
IFSM
30 (50 Hz)
A
Repetitive peak forward current
(Note 2)
IFRM
150
A
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note 1: Ta=92°C
Device mounted on a ceramic board
Board size: 50 mm
× 50 mm
Soldering land: 2 mm
×2 mm
Board thickness: 0.64t
Note 3: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage
VFM (1)
IFM = 1.0 A (pulse test)
⎯
0.88
1.0
V
Peak repetitive reverse current
IRRM
VRRM = 400 V (pulse test)
⎯
⎯
10
μA
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 t)
⎯
⎯
60
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 t)
⎯
⎯
110
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 2.1 mm
× 1.4 mm)
(board thickness: 1.6 t)
⎯
⎯
180
°C/W
Thermal resistance
(junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
16
°C/W
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMC02

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
CMC020012008H MAGNETICS-CMC020012008H Datasheet
145Kb / 1P
FERRITE CORE TOROID 61.5UH NANOC
1/14/2021
CMC025016010H MAGNETICS-CMC025016010H Datasheet
143Kb / 1P
FERRITE CORE TOROID 65.5UH NANOC
1/14/2021
More results

Similar Description - CMC02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CY25BAH-8F RENESAS-CY25BAH-8F Datasheet
177Kb / 5P
Nch IGBT for Strobe Flasher
Rev.3.00,Nov 29, 2005,
logo
Toshiba Semiconductor
CMC01 TOSHIBA-CMC01_06 Datasheet
194Kb / 5P
SILICON DIFFUSED TYPE For Strobe Discharge Circuit
logo
Renesas Technology Corp
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
Nch IGBT for Strobe Flash
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
Nch IGBT for Strobe Flasher
CY25AAJ-8F RENESAS-CY25AAJ-8F Datasheet
102Kb / 5P
Nch IGBT for Strobe Flasher
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com