Electronic Components Datasheet Search
  English  ▼

X  

CMF01 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMF01
Description  Switching Mode Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMF01 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMF01 Datasheet HTML 1Page - Toshiba Semiconductor CMF01 Datasheet HTML 2Page - Toshiba Semiconductor CMF01 Datasheet HTML 3Page - Toshiba Semiconductor CMF01 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMF01
2006-11-07
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage
VFM
IFM = 2.0 A (pulse test)
⎯
1.4
2.0
V
Repetitive peak reverse current
IRRM
VRRM = 600 V (pulse test)
⎯
⎯
50
μA
Reverse recovery time
trr
IF = 1 A, di/dt =-30 A/μs
⎯
⎯
100
ns
Forward recovery time
tfr
IF = 1 A
⎯
270
⎯
ns
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 t)
⎯
⎯
60
Device mounted on a glass-epoxy
board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 t)
⎯
⎯
135
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy
board
(board size: 50 mm
× 50 mm)
(soldering land: 2.1 mm
× 1.4 mm)
(board thickness: 1.6 t)
⎯
⎯
210
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
16
°C/W
Marking
Standard Soldering Pad
Abbreviation Code
Part No.
F1
CMF01
Handling Precautions
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded
during operation, even for an instant. The following are the general derating methods we recommend for designing a
circuit using this device.
VRRM: We recommend that the worst-case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit; and no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient (0.1%/℃). Be sure to take this temperature coefficient into account when
designing a device for use at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out sufficient heat design. If it is not possible to design a circuit with excellent heat radiation, set a margin by
using an allowable Tamax-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50 Hz sine wave, condition angle 180
°. Therefore
the rating applies only to abnormal operation, which seldom occurs during the lifespan of a device.
For this device, we recommend a Tj of below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the device. When
using the device, be sure to design the circuit board and soldering land size to match the appropriate thermal resistance
value.
Refer to the Rectifier databook for further information.
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com